Electronic Components Datasheet Search
  English  ▼

X  

AM29LV652D Datasheet(PDF) 12 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 12 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 8Page - SPANSION AM29LV652D Datasheet HTML 9Page - SPANSION AM29LV652D Datasheet HTML 10Page - SPANSION AM29LV652D Datasheet HTML 11Page - SPANSION AM29LV652D Datasheet HTML 12Page - SPANSION AM29LV652D Datasheet HTML 13Page - SPANSION AM29LV652D Datasheet HTML 14Page - SPANSION AM29LV652D Datasheet HTML 15Page - SPANSION AM29LV652D Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
10
Am29LV652D
October 29, 2004
PRELI M INARY
enabled for read access until the command register
contents are altered.
See “VersatileIO
™ (VIO) Control” for more information.
Refer to the AC “Read-Only Operations” on page 39
table for timing specifications and to Figure 13, on
page 39 for the timing diagram. ICC1 in the DC Charac-
teristics table represents the active current specifica-
tion for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# (or CE2#) to VIL, and OE# to VIH.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are re-
quired to program a byte, instead of four. The “Byte
Program Command Sequence” on page 26 section
contains details on programming data to the device
using both standard and Unlock Bypass command se-
quences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 2, on page 11 indicates
the address space that each sector occupies.
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The AC
Characteristics section contains timing specification
tables and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operations
through the ACC function. This function is primarily in-
tended to allow faster manufacturing throughput dur-
ing system production.
If the system asserts VHH on ACC, the device automat-
ically enters the aforementioned Unlock Bypass mode,
temporarily unprotects any protected sectors, and
uses the higher voltage to reduce the time required for
program operations. The system would use a two-cy-
cle program command sequence as required by the
Unlock Bypass mode. Removing VHH from ACC re-
turns the device to normal operation. Note that ACC
must not be at VHH for operations other than acceler-
ated programming, or device damage may result.
Autoselect Functions
If the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in
this mode. Refer to the “Autoselect Mode” on page 19
and “Autoselect Command Sequence” on page 26
sections for more information.
Standby Mode
When the system is not reading or writing to the de-
vice, it can place the device in the standby mode. In
this mode, current consumption is greatly reduced,
and the outputs are placed in the high impedance
state, independent of the OE# input.
The device enters the CMOS standby mode when the
CE#, CE2#, and RESET# are all held at VCC ± 0.3 V.
(Note that this is a more restricted voltage range than
VIH.) If CE#, CE2#, and RESET# are held at VIH, but
not within VCC ± 0.3 V, the device is in the standby
mode, but the standby current is greater. The device
requires standard access time (tCE) for read access
when the device is in either of these standby modes,
before it is ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
ICC3 in the DC Characteristics (for two Am29LV065 de-
vices) table represents the standby current specifica-
tion.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device en-
ergy consumption. The device automatically enables
this mode when addresses remain stable for tACC +
30 ns. The automatic sleep mode is independent of
the CE#, CE2#, WE#, and OE# control signals. Stan-
dard address access timings provide new data when
addresses are changed. While in sleep mode, output
data is latched and always available to the system.
ICC4 in the DC Characteristics (for two Am29LV065 de-
vices) table represents the automatic sleep mode cur-
rent specification.
RESET#: Hardware Reset Pin
RESET# provides a hardware method of resetting the
device to reading array data. When RESET# is driven
low for at least a period of tRP, the device immediately
terminates any operation in progress, tristates all out-
puts, and ignores all read/write commands for the du-
ration of the RESET# pulse. The device also resets
the internal state machine to reading array data. The
operation that was interrupted should be reinitiated
once the device is ready to accept another command
sequence, to ensure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VSS ± 0.3 V, the device
draws CMOS standby current (ICC4). If RESET# is held
at VIL, but not within VSS ± 0.3 V, the standby current is
greater.
RESET# may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com