Electronic Components Datasheet Search
  English  ▼

X  

AM29LV652D Datasheet(PDF) 11 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 11 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 7Page - SPANSION AM29LV652D Datasheet HTML 8Page - SPANSION AM29LV652D Datasheet HTML 9Page - SPANSION AM29LV652D Datasheet HTML 10Page - SPANSION AM29LV652D Datasheet HTML 11Page - SPANSION AM29LV652D Datasheet HTML 12Page - SPANSION AM29LV652D Datasheet HTML 13Page - SPANSION AM29LV652D Datasheet HTML 14Page - SPANSION AM29LV652D Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
October 29, 2004
Am29LV652D
9
PRELI M INARY
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the in-
puts and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1. Am29LV652D Device Bus Operations
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 11.5–12.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. CE# can be replaced with CE2# when referring to the second die in the package. CE# and CE2# must not both be driven at
the same time.
2. Addresses are A22:A0. Sector addresses are A22:A16.
3. DIN or DOUT as required by command sequence, data polling, or sector protect algorithm (see Figure 2).
4. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector Group
Protection and Unprotection” section.
5. All sectors are unprotected when shipped from the factory.
VersatileIO
™ (VIO) Control
The VersatileIO (VIO) control allows the host system to
set the voltage levels that the device generates at its
data outputs and the voltages tolerated at its data in-
puts to the same voltage level that is asserted on VIO.
This allows the device to operate in a 3 V or 5 V sys-
tem environment as required. For voltage levels below
3 V, contact an AMD representative for more informa-
tion.
For example, a VI/O of 4.5–5.0 volts allows for I/O at
the 5 volt level, driving and receiving signals to and
from other 5 V devices on the same data bus.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive CE# or CE2# and OE# to VIL. CE# or CE2# is the
power control and selects the device. OE# is the out-
put control and gates array data to the outputs. WE#
should remain at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
data on the device data outputs. The device remains
Operation
CE#
(Note 1)
OE#
WE#
RESET#
ACC
Addresses
(Note 2)
DQ0–DQ7
Read
L
L
H
H
X
AIN
DOUT
Write (Program/Erase)
L
H
L
H
X
AIN
(Note 3)
Accelerated Program
L
H
L
H
VHH
AIN
(Note 3)
Standby
VCC ± 0.3 V
X
X
VCC ± 0.3 V
H
XHigh-Z
Output Disable
L
H
H
H
X
XHigh-Z
Reset
X
X
X
L
X
XHigh-Z
Sector Group Protect (Note 4)
L
H
L
VID
X
SA, A6 = L,
A1 = H, A0 = L
(Note 3)
Sector Group Unprotect
(Note 4)
LH
L
VID
X
SA, A6 = H,
A1 = H, A0 = L
(Note 3)
Temporary Sector Group
Unprotect
XX
X
VID
X
AIN
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com