Electronic Components Datasheet Search
  English  ▼

X  

AM29LV652D Datasheet(PDF) 52 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 52 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 47Page - SPANSION AM29LV652D Datasheet HTML 48Page - SPANSION AM29LV652D Datasheet HTML 49Page - SPANSION AM29LV652D Datasheet HTML 50Page - SPANSION AM29LV652D Datasheet HTML 51Page - SPANSION AM29LV652D Datasheet HTML 52Page - SPANSION AM29LV652D Datasheet HTML 53Page - SPANSION AM29LV652D Datasheet HTML 54Page - SPANSION AM29LV652D Datasheet HTML 55Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
50
Am29LV652D
October 29, 2004
PRELI M INARY
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V VCC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90
°C, VCC = 3.0 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes
program faster than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bits are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See
Table 10, on page 30 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTICS
Note: Includes all connections except VCC. Test conditions: VCC = 3.0 V, one connection at a time.
INPUT/OUTPUT CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
1.6
15
sec
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
205
sec
Byte Program Time
5
150
µs
Excludes system level
overhead (Note 5)
Accelerated Byte Program Time
4
120
µs
Chip Program Time (Note 3)
42
126
sec
Description
Min
Max
Input voltage with respect to VSS on all device connections (including
A9, OE#, and RESET#) except I/Os
–1.0 V
12.5 V
Input voltage with respect to VSS on all I/Os
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
1216pF
COUT
Output Capacitance
VOUT = 0
1216pF
CE/CE2
Control Pin Capacitance
VIN = 0
6
8
pF
Parameter Description
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com