Electronic Components Datasheet Search
  English  ▼

X  

ADRF5731 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5731
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5731 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5731 Datasheet HTML 1Page - Analog Devices ADRF5731 Datasheet HTML 2Page - Analog Devices ADRF5731 Datasheet HTML 3Page - Analog Devices ADRF5731 Datasheet HTML 4Page - Analog Devices ADRF5731 Datasheet HTML 5Page - Analog Devices ADRF5731 Datasheet HTML 6Page - Analog Devices ADRF5731 Datasheet HTML 7Page - Analog Devices ADRF5731 Datasheet HTML 8Page - Analog Devices ADRF5731 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADRF5731
Data Sheet
Rev. 0 | Page 4 of 17
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT LINEARITY1
10 MHz to 30 GHz
0.1 dB Power Compression (P0.1dB)
Insertion Loss State
30
dBm
Other Attenuation States
26
dBm
Third-Order Intercept (IP3)
Two-tone input power = 14 dBm per tone,
Δf = 1 MHz, all attenuation states
50
dBm
DIGITAL CONTROL INPUTS
LE, PS, D2, D3/SEROUT,2 D4/SERIN, D5/CLK pins
Voltage
Low (VINL)
0
0.8
V
High (VINH)
1.2
3.3
V
Current
Low (IINL)
<1
μA
High (IINH)
D2
33
μA
LE, PS, D3/SEROUT,2 D4/SERIN, D5/CLK pins
<1
μA
DIGITAL CONTROL OUTPUT
D3/SEROUT pin2
Voltage
Low (VOUTL)
0 ± 0.3
V
High (VOUTH)
VDD ± 0.3
V
Low and High Current (IOUTL, IOUTH)
0.5
mA
SUPPLY CURRENT
VDD and VSS pins
Positive
117
μA
Negative
−117
μA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive (VDD)
3.15
3.45
V
Negative (VSS)
−3.45
−3.15
V
Digital Control Voltage
0
VDD
V
RF Input Power3
f = 10 MHz to 30 GHz, TCASE = 85°C,4
all attenuation states
ATTIN
Steady state average
26
dBm
Steady state peak
30
dBm
Hot switching average
24
dBm
Hot switching peak
27
dBm
ATTOUT (Bidirectional Use)
Steady state average
18
dBm
Steady state peak
21
dBm
Hot switching average
15
dBm
Hot switching peak
18
dBm
Case Temperature (TCASE)
−40
+105
°C
1 Input linearity performance degrades over frequency (see Figure 20 and Figure 21).
2 The D3/SEROUT pin is an input in parallel control mode and an output in serial control mode. See Table 5 for the pin function descriptions.
3 For power derating over frequency, see Figure 2 and Figure 3. Applicable for all ATTIN and ATTOUT power specifications.
4 For 105°C operation, the power handling degrades from the TCASE = 85°C specifications by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com