Electronic Components Datasheet Search
  English  ▼

X  

ADRF5731 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5731
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5731 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5731 Datasheet HTML 1Page - Analog Devices ADRF5731 Datasheet HTML 2Page - Analog Devices ADRF5731 Datasheet HTML 3Page - Analog Devices ADRF5731 Datasheet HTML 4Page - Analog Devices ADRF5731 Datasheet HTML 5Page - Analog Devices ADRF5731 Datasheet HTML 6Page - Analog Devices ADRF5731 Datasheet HTML 7Page - Analog Devices ADRF5731 Datasheet HTML 8Page - Analog Devices ADRF5731 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADRF5731
Rev. 0 | Page 3 of 17
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, digital voltages = 0 V or VDD, case temperature (TCASE) = 25°C, and a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
40,000
MHz
INSERTION LOSS (IL)
100 MHz to 10 GHz
1.3
dB
10 GHz to 18 GHz
1.7
dB
18 GHz to 26 GHz
2.2
dB
26 GHz to 35 GHz
2.8
dB
35 GHz to 40 GHz
3.5
dB
RETURN LOSS
ATTIN and ATTOUT, all attenuation states
100 MHz to 10 GHz
22
dB
10 GHz to 18 GHz
22
dB
18 GHz to 26 GHz
16
dB
26 GHz to 35 GHz
15
dB
35 GHz to 40 GHz
14
dB
ATTENUATION
Range
Between minimum and maximum attenuation
states
30
dB
Step Size
Between any successive attenuation states
2
dB
Accuracy
Referenced to insertion loss
100 MHz to 10 GHz
±(0.05 + 1.0%)
dB
10 GHz to 18 GHz
±(0.1 + 2.0%)
dB
18 GHz to 26 GHz
±(0.2 + 2.5%)
dB
26 GHz to 35 GHz
±(0.2 + 6.0%)
dB
35 GHz to 40 GHz
±(0.5 + 10.0%)
dB
Step Error
Between any successive attenuation states
100 MHz to 10 GHz
±0.05
dB
10 GHz to 18 GHz
±0.15
dB
18 GHz to 26 GHz
±0.20
dB
26 GHz to 35 GHz
±0.35
dB
35 GHz to 40 GHz
±0.60
dB
RELATIVE PHASE
Referenced to insertion loss
100 MHz to 10 GHz
15
Degrees
10 GHz to 18 GHz
25
Degrees
18 GHz to 26 GHz
40
Degrees
26 GHz to 35 GHz
55
Degrees
35 GHz to 40 GHz
80
Degrees
SWITCHING CHARACTERISTICS
All attenuation states at input power (PIN) = 10 dBm
Rise and Fall Time (tRISE and tFALL)
10% to 90% of RF output
35
ns
On and Off Time (tON and tOFF)
50% triggered control (CTL) to 90% of RF output
110
ns
RF Amplitude Settling Time
0.1 dB
50% triggered CTL to 0.1 dB of final RF output
230
ns
0.05 dB
50% triggered CTL to 0.05 dB of final RF output
250
ns
Overshoot
0.5
dB
Undershoot
−1
dB
RF Phase Settling Time
f = 5 GHz
5°
50% triggered CTL to 5° of final RF output
100
ns
1°
50% triggered CTL to 1°of final RF output
125
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com