Electronic Components Datasheet Search
  English  ▼

X  

ADRF5731 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5731
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5731 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5731 Datasheet HTML 1Page - Analog Devices ADRF5731 Datasheet HTML 2Page - Analog Devices ADRF5731 Datasheet HTML 3Page - Analog Devices ADRF5731 Datasheet HTML 4Page - Analog Devices ADRF5731 Datasheet HTML 5Page - Analog Devices ADRF5731 Datasheet HTML 6Page - Analog Devices ADRF5731 Datasheet HTML 7Page - Analog Devices ADRF5731 Datasheet HTML 8Page - Analog Devices ADRF5731 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
100 MHz to 40 GHz
Data Sheet
ADRF5731
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 100 MHz to 40 GHz
Attenuation range: 2 dB steps to 30 dB
Low insertion loss
1.7 dB to 18 GHz
2.2 dB to 26 GHz
3.5 dB to 40 GHz
Attenuation accuracy
±(0.1 + 2.0%) of attenuation state up to 18 GHz
±(0.2 + 2.5%) of attenuation state up to 26 GHz
±(0.5 + 10.0%) of attenuation state up to 40 GHz
Typical step error
±0.15 dB to 18 GHz
±0.20 dB to 26 GHz
±0.60 dB to 40 GHz
High input linearity
P0.1dB insertion loss state: 30 dBm
P0.1dB other attenuation states: 26 dBm
IP3: 50 dBm typical
High RF input power handling: 26 dBm average, 30 dBm peak
Tight distribution in relative phase
No low frequency spurious signals
SPI and parallel mode control, CMOS/LVTTL compatible
RF amplitude settling time (0.1 dB of final RF output): 230 ns
2.5 mm × 2.5 mm, 16-terminal LGA package
Pin compatible with ADRF5721, low frequency cutoff version
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G millimeter wave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5731 is a silicon, 4-bit digital attenuator with a 30 dB
attenuation control range in 2 dB steps.
This device operates from 100 MHz to 40 GHz with better than
3.5 dB of insertion loss. The ATTIN port of the ADRF5720 has
a radio frequency (RF) input power handling capability of 26 dBm
average and 30 dBm peak for all states.
The ADRF5731 requires a dual supply voltage of +3.3 V and
−3.3 V. The device features serial peripheral interface (SPI),
parallel mode control, and complementary metal-oxide
semiconductor (CMOS)-/low voltage transistor to transistor
logic (LVTTL) compatible controls.
The ADRF5731 is pin compatible with the ADRF5721 low
frequency cutoff version, which operates from 9 kHz to 40 GHz.
The ADRF5731 RF ports are designed to match a characteristic
impedance of 50 Ω.
The ADRF5731 comes in a 16-terminal, 2.5 mm × 2.5 mm,
RoHS compliant, land grid array (LGA) package and operates
from −40°C to +105°C.
PACKAGE
BASE
SERIAL/
PARALLEL
INTERFACE
4-BIT DIGITAL
ATTENUATOR
VDD
D4/SERIN
VSS
GND
ADRF5731
ATTOUT
1
D5/CLK
2
GND
3
ATTIN
4
12
11
10
9
6
5
78
16
15
14
13


Similar Part No. - ADRF5731

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5730 AD-ADRF5730 Datasheet
640Kb / 19P
Silicon Digital Attenuator
7/2018-Revision 0
ADRF5730-EVALZ AD-ADRF5730-EVALZ Datasheet
640Kb / 19P
Silicon Digital Attenuator
7/2018-Revision 0
ADRF5730BCCZN AD-ADRF5730BCCZN Datasheet
640Kb / 19P
Silicon Digital Attenuator
7/2018-Revision 0
ADRF5730BCCZN-R7 AD-ADRF5730BCCZN-R7 Datasheet
640Kb / 19P
Silicon Digital Attenuator
7/2018-Revision 0
More results

Similar Description - ADRF5731

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
AA230-24 ALPHA-AA230-24 Datasheet
38Kb / 2P
GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291_06 Datasheet
274Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com