Electronic Components Datasheet Search
  English  ▼

X  

ADRF5731 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5731
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5731 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5731 Datasheet HTML 8Page - Analog Devices ADRF5731 Datasheet HTML 9Page - Analog Devices ADRF5731 Datasheet HTML 10Page - Analog Devices ADRF5731 Datasheet HTML 11Page - Analog Devices ADRF5731 Datasheet HTML 12Page - Analog Devices ADRF5731 Datasheet HTML 13Page - Analog Devices ADRF5731 Datasheet HTML 14Page - Analog Devices ADRF5731 Datasheet HTML 15Page - Analog Devices ADRF5731 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADRF5731
Data Sheet
Rev. 0 | Page 12 of 17
SERIAL MODE INTERFACE
The ADRF5731 supports a 3-wire SPI: serial data input (SERIN),
clock (CLK), and latch enable (LE). The serial control interface
is activated when PS is set to high.
The ADRF5731 attenuation state is controlled by Bits[D5:D2].
Bit D0 and Bit D1 are don't care bits but must be input.
Therefore, at least a 6-bit SERIN must be used to control the
attenuation states. If using an 8-bit word to control the state of the
attenuator, [D7:D6] and [D1:D0] are don’t care bits. It does not
matter if these bits are held low or high. Refer to Table 7 and
Figure 24 for additional information.
In serial mode, the SERIN data is clocked most significant bit
(MSB) first on the rising CLK edges into the shift register. Then,
LE must be toggled high to latch the new attenuation state into
the device. LE must be set to low to clock new SERIN data into
the shift register as CLK is masked to prevent the attenuator
value from changing if LE is kept high. See Figure 24 in
conjunction with Table 2 and Table 7.
USING SEROUT
The ADRF5731 also features a serial data output, SEROUT.
SEROUT outputs the serial input data at the eighth clock cycle
and can control a cascaded attenuator using a single SPI bus.
Figure 25 shows the serial output timing diagram.
When using the attenuator in a daisy-chain operation, 8-bit
SERIN data must be used due to the 8-clock cycle delay
between SERIN and SEROUT.
It is optional to use a 1 kΩ resistor between SEROUT on the
first attenuator and SERIN of the next attenuator to filter the
signal (see Figure 23).
Figure 23. Using a Resistor on SEROUT
Figure 24. Serial Control Timing Diagram
Figure 25. Serial Output Timing Diagram
4
3
2
1
0
0
200
100
300
400
500
150
50
250
350
450
TIME (ns)
WITHOUT 1kΩ
WITH 1kΩ
X
X
SERIN
CLK
LE
PS
D7
D6
D5
D4
D3
D2
D1
D0
X
X
D[7:0]
NEXT WORD
[FIRST IN]
OPTIONAL
[LAST IN]
DON’T CARE
DON’T
CARE
LSB
OPTIONAL
MSB
tCS
tCH
tSCK
tLN
tCKN
tLES
tLEW
X
SERIN
CLK
LE
SEROUT
PS
D5
X
D4
D3
D2
D1
D0
D5
X
D4
D3
D2
D1
D0
X
X
1
2
3
4
5
6
7
8
9
10
11
12
13
14
tCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com