Electronic Components Datasheet Search
  English  ▼

X  

ADRF5731 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5731
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5731 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5731 Datasheet HTML 5Page - Analog Devices ADRF5731 Datasheet HTML 6Page - Analog Devices ADRF5731 Datasheet HTML 7Page - Analog Devices ADRF5731 Datasheet HTML 8Page - Analog Devices ADRF5731 Datasheet HTML 9Page - Analog Devices ADRF5731 Datasheet HTML 10Page - Analog Devices ADRF5731 Datasheet HTML 11Page - Analog Devices ADRF5731 Datasheet HTML 12Page - Analog Devices ADRF5731 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADRF5731
Rev. 0 | Page 9 of 17
Figure 14. State Error vs. Frequency (Major States Only)
Figure 15. State Error vs. Attenuation State over Frequency
Figure 16. Relative Phase vs. Frequency (Major States Only)
Figure 17. Relative Phase vs. Attenuation State over Frequency
0
5
10
15
20
25
30
35
40
45
FREQUENCY (GHz)
–1
1
2
3
4
5
6
7
8
9
0
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
ATTENUATION STATE
0
2
4
6
8
10 12 14 16
18 20 22 24
26 28 30
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz
–1
1
2
3
4
5
6
7
8
9
0
0
5
10
15
20
25
30
35
40
45
FREQUENCY (GHz)
0
20
30
40
50
60
70
80
90
100
10
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
0
20
30
40
50
60
70
80
90
100
10
ATTENUATION STATE
0
2
4
6
8
10 12 14 16 18
20 22 24
26 28 30
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com