Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM643 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 46Page - Texas Instruments TMS320DM643 Datasheet HTML 47Page - Texas Instruments TMS320DM643 Datasheet HTML 48Page - Texas Instruments TMS320DM643 Datasheet HTML 49Page - Texas Instruments TMS320DM643 Datasheet HTML 50Page - Texas Instruments TMS320DM643 Datasheet HTML 51Page - Texas Instruments TMS320DM643 Datasheet HTML 52Page - Texas Instruments TMS320DM643 Datasheet HTML 53Page - Texas Instruments TMS320DM643 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 160 page
background image
www.ti.com
3.1.2
Device Configuration at Device Reset
3.2
Configurations After Reset
3.2.1
Peripheral Selection After Device Reset
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
Table 3-3 describes the DM643 device configuration pins, which are set up via external pullup/pulldown
resistors through the specified EMIFA address bus pins (AEA[22:19]), and the TOUT1/LENDIAN, and the
HD5 pins (all of which are latched during device reset).
Table 3-3. DM643 Device Configuration Pins (TOUT1/LENDIAN, AEA[22:19], HD5, and MAC_EN)
CONFIGURATION
NO.
FUNCTIONAL DESCRIPTION
PIN
Device Endian mode (LEND)
TOUT1/LENDIAN
B5
0 - System operates in Big Endian mode
1 - System operates in Little Endian mode (default)
Bootmode [1:0]
00 - No boot (default mode)
[U23,
AEA[22:21]
01 - HPI boot
V24]
10 - Reserved
11 - EMIFA boot
EMIFA input clock select
Clock mode select for EMIFA (AECLKIN_SEL[1:0])
[V25,
00 - AECLKIN (default mode)
AEA[20:19]
V26]
01 - CPU/4 Clock Rate
10 - CPU/6 Clock Rate
11 - Reserved
HPI peripheral bus width (HPI_WIDTH)
0 - HPI operates as an HPI16.
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are reserved pins in
HD5
Y1
the Hi-Z state.)
1 - HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
(Also see the TOUT0/MAC_EN functional description in this table)
Peripheral Selection
TOUT0/MAC_EN
C5
0 - EMAC and MDIO disabled; HPI16 enabled (default mode) [HPI32, if HD5 = 1; HPI16 if HD5 = 0]
1 - EMAC and MDIO enabled; HPI16 enabled, if HD5 = 0; HPI32 disabled, if HD5 = 1
Video Ports, McBSP0, McASP0 and I2C0
The DM643 device has designated registers for peripheral configuration (PERCFG), device status
(DEVSTAT), and JTAG identification (JTAGID). These registers are part of the Device Configuration
module and are mapped to a 4K block memory starting at 0x01B3F000. The CPU accesses these
registers via the CFGBUS.
The peripheral configuration register (PERCFG), allows the user to control the peripheral selection of the
Video Ports (VP1 and VP2) McBSP0, McASP0, and I2C0 peripherals. For more detailed information on
the PERCFG register control bits, see Figure 3-1 and Table 3-4.
50
Device Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com