Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM643 Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 146Page - Texas Instruments TMS320DM643 Datasheet HTML 147Page - Texas Instruments TMS320DM643 Datasheet HTML 148Page - Texas Instruments TMS320DM643 Datasheet HTML 149Page - Texas Instruments TMS320DM643 Datasheet HTML 150Page - Texas Instruments TMS320DM643 Datasheet HTML 151Page - Texas Instruments TMS320DM643 Datasheet HTML 152Page - Texas Instruments TMS320DM643 Datasheet HTML 153Page - Texas Instruments TMS320DM643 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 160 page
background image
www.ti.com
5.19
JTAG
5.19.1
JTAG Device-Specific Information
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
The JTAG interface is used for BSDL testing and emulation of the DM643 device.
Note: IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
5.19.1.1
IEEE 1149.1 JTAG Compatibility Statement
The TMS320DM643 DSP requires that both TRST and RESET be asserted upon power up to be properly
initialized. While RESET initializes the DSP core, TRST initializes the DSP's emulation logic. Both resets
are required for proper operation.
Note: TRST is synchronous and must be clocked by TCLK; otherwise, BSCAN may not respond as
expected after TRST is asserted.
While both TRST and RESET need to be asserted upon power up, only RESET needs to be released for
the DSP to boot properly. TRST may be asserted indefinitely for normal operation, keeping the JTAG port
interface and DSP's emulation logic in the reset state. TRST only needs to be released when it is
necessary to use a JTAG controller to debug the DSP or exercise the DSP's boundary scan functionality.
RESET must be released only in order for boundary-scan JTAG to read the variant field of IDCODE
correctly. Other boundary-scan instructions work correctly independent of current state of RESET.
For maximum reliability, the TMS320DM643 DSP includes an internal pulldown (IPD) on the TRST pin to
ensure that TRST will always be asserted upon power up and the DSP's internal emulation logic will
always be properly initialized. JTAG controllers from Texas Instruments actively drive TRST high.
However, some third-party JTAG controllers may not drive TRST high but expect the use of a pullup
resistor on TRST. When using this type of JTAG controller, assert TRST to intialize the DSP after powerup
and externally drive TRST high before attempting any emulation or boundary scan operations.
Following the release of RESET, the low-to-high transition of TRST must be "seen" to latch the state of
EMU1 and EMU0. The EMU[1:0] pins configure the device for either Boundary Scan mode or Emulation
mode. For more detailed information, see the terminal functions section of this data sheet.
Note: The DESIGN_WARNING section of the TMS320DM643 BSDL file contains information and
constraints regarding proper device operation while in Boundary Scan Mode.
5.19.1.2
JTAG ID Register Description
The JTAG ID register is a read-only register that identifies to the customer the JTAG/Device ID. For the
DM643 device, the JTAG ID register resides at address location 0x01B3 F008. The register hex value for
the DM643 device is: 0x0007 902F. For the actual register bit names and their associated bit field
descriptions, see Figure 5-67 and Table 5-79.
31-28
27-12
11-1
0
VARIANT (4-Bit)
PART NUMBER (16-Bit)
MANUFACTURER (11-Bit)
LSB
R-0000
R-0000 0000 0111 1001
R-0000 0010 111
R-1
Legend: R = Read only, -n = value after reset
Figure 5-67. JTAG ID Register Description – TMS320DM643 Register Value – 0x0007 902F
150
DM643 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com