Electronic Components Datasheet Search
  English  ▼

X  

PC8240 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button PC8240 Datasheet HTML 18Page - ATMEL Corporation PC8240 Datasheet HTML 19Page - ATMEL Corporation PC8240 Datasheet HTML 20Page - ATMEL Corporation PC8240 Datasheet HTML 21Page - ATMEL Corporation PC8240 Datasheet HTML 22Page - ATMEL Corporation PC8240 Datasheet HTML 23Page - ATMEL Corporation PC8240 Datasheet HTML 24Page - ATMEL Corporation PC8240 Datasheet HTML 25Page - ATMEL Corporation PC8240 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
PC8240
2149A–HIREL–05/02
Output AC Timing
Specification
Table 11 provides the processor bus AC timing specifications for the PC8240. See Fig-
ure10on page21and Figure11on page21.
At recommended operating conditions (see Table 3 on page 8) with GVdd = 3.3V ±5%
andLVdd= 3.3V ±5%
Notes:
1. All memory and related interface output signal specifications are specified from the V
M = 1.4V of the rising edge of the mem-
ory bus clock, SDRAM_SYNC_IN to the TTL level (0.8 or 2.0V) of the signal in question. SDRAM_SYNC_IN is the same as
PCI_SYNC_IN in 1:1 mode, but is twice the frequency in 2:1 mode (processor/memory bus clock rising edges occur on
every rising and falling edge of PCI_SYNC_IN). See Figure 10 on page 21.
2. All PCI signals are measured from OVdd/2 of the rising edge of PCI_SYNC_IN to 0.285*OVdd or 0.615*OVdd of the signal
in question for 3.3V PCI signaling levels. See Figure 11 on page 21.
3. All output timings assume a purely resistive 50
Ω load (See Figure 13 on page 23). Output timings are measured at the pin;
time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
4. PCI Bussed signals are composed of the following signals: LOCK, IRDY,C/BE[0 – 3], PAR, TRDY,FRAME,STOP,
DEVSEL, PERR, SERR, AD[0 – 31], REQ[4–0], GNT[4 – 0], IDSEL,INTA.
5. PCI hold times can be varied, see “PCI Signal Output Hold Timing” on page 23 for information on programmable PCI output
hold times. The values shown for item 13a are for PCI compliance.
6. These specifications are for the default driver strengths indicated in Table 7 on page 17.
Table 11. Output AC Timing Specifications
Num
Characteristics
(3)(6)
Min
Max
Unit
Notes
12a
PCI_SYNC_IN to Output Valid, 66 MHz PCI, with MCP pulled-down
to logic 0 state. See Figure 14.
–6.0
ns
(2)(4)
PCI_SYNC_IN to Output Valid, 33 MHz PCI, with MCP in the default
logic 1 state. See Figure 14.
–8.0
ns
(2)(4)
12b1
SDRAM_SYNC_IN to Output Valid
(For Memory Control and Data Signals accessing DRAM in Flow
Through Mode)
–7.0
ns
(1)
12b2
SDRAM_SYNC_IN to Output Valid
(For Memory Control and Data Signals accessing DRAM in
Registered
Mode)
–TBD
ns
(1)
12b3
SDRAM_SYNC_IN to Output Valid
(For Memory Control and Data Signals accessing non-DRAM)
–TBD
ns
(1)
12c
SDRAM_SYNC_IN to Output Valid (For All Others)
–
7.0
ns
(1)
12d
SDRAM_SYNC_IN to Output Valid (For Two-wire Interface)
–
TBD
ns
(1)
13a
Output Hold, 66 MHz PCI, with MCP and CKE pulled-down to logic 0
states. See Table 12.
0.5
–
ns
(2)(4)(5)
Output Hold, 33 MHz PCI, with MCP in the default logic 1 state and
CKE pulled-down to logic 0 state. See Table 12.
2.0
–
ns
(2)(4)(5)
13b
Output Hold (For All Others)
0
–
ns
(1)
14a
PCI_SYNC_IN to Output High Impedance (For PCI)
–
TBD
ns
(2)(4)
14b
SDRAM_SYNC_IN to Output High Impedance (For All Others)
–
TBD
ns
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com