Electronic Components Datasheet Search
  English  ▼

X  

PC8240 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button PC8240 Datasheet HTML 26Page - ATMEL Corporation PC8240 Datasheet HTML 27Page - ATMEL Corporation PC8240 Datasheet HTML 28Page - ATMEL Corporation PC8240 Datasheet HTML 29Page - ATMEL Corporation PC8240 Datasheet HTML 30Page - ATMEL Corporation PC8240 Datasheet HTML 31Page - ATMEL Corporation PC8240 Datasheet HTML 32Page - ATMEL Corporation PC8240 Datasheet HTML 33Page - ATMEL Corporation PC8240 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
30
PC8240
2149A–HIREL–05/02
Notes:
1. TRST is an asynchronous signal. The setup time is for test purposes only.
2. Non-test (other than TDI and TMS) signal input timing with respect to TCK.
3. Non-test (other than TDO) signal output timing with respect to TCK.
4. Timings are independent of the system clock (PCI_SYNC_IN).
Figure 21. JTAG Clock Input Timing Diagram
Figure 22. JTAG TRST Timing Diagram
Figure 23. JTAG Boundary Scan Timing Diagram
10
TMS, TDI Data Setup Time
5
–
ns
11
TMS, TDI Data Hold Time
15
–
ns
12
TCK to TDO Data Valid
0
15
ns
13
TCK to TDO High Impedance
0
15
ns
Table 17. JTAG AC Timing Specifications (Independent of PCI_SYNC_IN)
Num
Characteristics
(4)
Min
Max
Unit
Notes
TCK
2
2
1
VM
VM
VM
3
3
VM = Midpoint Voltage
4
5
TRST_
TCK
9
8
67
TCK
DATA INPUTS
INPUT VALID DATA
OUTPUT VALID DATA
DATA OUTPUTS
DATA OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com