Electronic Components Datasheet Search
  English  ▼

X  

PC8240 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button PC8240 Datasheet HTML 25Page - ATMEL Corporation PC8240 Datasheet HTML 26Page - ATMEL Corporation PC8240 Datasheet HTML 27Page - ATMEL Corporation PC8240 Datasheet HTML 28Page - ATMEL Corporation PC8240 Datasheet HTML 29Page - ATMEL Corporation PC8240 Datasheet HTML 30Page - ATMEL Corporation PC8240 Datasheet HTML 31Page - ATMEL Corporation PC8240 Datasheet HTML 32Page - ATMEL Corporation PC8240 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29
PC8240
2149A–HIREL–05/02
Figure 19. EPIC Serial Interrupt Mode Output Timing Diagram
Figure 20. EPIC Serial Interrupt Mode Input Timing Diagram
IEEE 1149.1 (JTAG) AC Timing
Specifications
Table 17 provides the JTAG AC timing specifications for the PC8240 while in the JTAG
operating mode.
At recommended operating conditions (see Table 3 on page 8) with GVdd = 3.3V ±5%
andLVdd= 3.3V ±5%
S_CLK
S_RST
VM
VM
VM
S_FRAME
sys_logic_clk3
VM
VM
VM
VM
4
3
5
4
6
S_CLK
S_INT
7
VM
Table 17. JTAG AC Timing Specifications (Independent of PCI_SYNC_IN)
Num
Characteristics
(4)
Min
Max
Unit
Notes
TCK Frequency of Operation
0
25
MHz
1
TCK Cycle Time
40
–
ns
2
TCK Clock Pulse Width Measured at 1.5V
20
–
ns
3
TCK Rise and Fall Times
0
3
ns
4
TRST_ Setup Time to TCK Falling Edge
10
–
ns
(1)
5TRST_ Assert Time
10
–
ns
6
Input Data Setup Time
5
–
ns
(2)
7
Input Data Hold Time
15
–
ns
(2)
8
TCK to Output Data Valid
0
30
ns
(3)
9
TCK to Output High Impedance
0
30
ns
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com