Electronic Components Datasheet Search
  English  ▼

X  

PC8240 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button PC8240 Datasheet HTML 24Page - ATMEL Corporation PC8240 Datasheet HTML 25Page - ATMEL Corporation PC8240 Datasheet HTML 26Page - ATMEL Corporation PC8240 Datasheet HTML 27Page - ATMEL Corporation PC8240 Datasheet HTML 28Page - ATMEL Corporation PC8240 Datasheet HTML 29Page - ATMEL Corporation PC8240 Datasheet HTML 30Page - ATMEL Corporation PC8240 Datasheet HTML 31Page - ATMEL Corporation PC8240 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
28
PC8240
2149A–HIREL–05/02
Figure 18. Two-wire Interface Timing Diagram IV (Qualified signal)
EPIC Serial Interrupt Mode AC
Timing Specifications
Table 16 provides the EPIC serial interrupt mode AC timing specifications for the
PC8240.
At recommended operating conditions (see Table 3 on page 8) with GVdd = 3.3V ± 5%
and LVdd = 3.3V ± 5%
Notes:
1. See the PC8240 User’s Manual for a description of the EPIC Interrupt Control Register (EICR) describing S_CLK frequency
programming.
2. S_RST, S_FRAME, and S_INT shown in Figure 19 and Figure 20 depict timing relationships to sys_logic_clk and S_CLK
and do not describe functional relationships between S_RST, S_FRAME, and S_INT. See the Motorola’s PC8240 User’s
Manual for a complete description of the functional relationships between these signals.
3. The sys_logic_clk waveform is the clocking signal of the internal peripheral logic from the output of the peripheral logic PLL;
sys_logic_clk is the same as SDRAM_SYNC_IN when the SDRAM_SYNC_OUT to SDRAM_SYNC_IN feedback loop is
implemented and the DLL is locked. See Motorola’s PC8240 User’s Manual for a complete clocking description.
SCL/SDArealtime
VM
SCL/SDAqualified
VM
Delay (1)
Note 1: The delay is the Local Memory clock times DFFSR times 2 plus 1 Local Memory clock.
Table 16. EPIC Serial Interrupt Mode AC Timing Specifications
Num
Characteristics
Min
Max
Unit
Notes
1
S_CLK Frequency
1/14 SDRAM_SYNC_IN
1/2 SDRAM_SYNC_IN
MHz
(1)
2
S_CLK Duty Cycle
40
60
%
3
S_CLK Output Valid Time
–
TBD = x
nS
4
Output Hold Time
0
–
nS
5S_FRAME, S_RST Output Valid
Time
–
1 sys_logic_clk period + x
nS
(2)
6
S_INT Input Setup Time to S_CLK
1 sys_logic_clk period + TBD
–
nS
(2)
7
S_INT Inputs Invalid (Hold Time) to
S_CLK
–0
nS
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com