Electronic Components Datasheet Search
  English  ▼

X  

PC8240 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 3 Page - ATMEL Corporation

  PC8240 Datasheet HTML 1Page - ATMEL Corporation PC8240 Datasheet HTML 2Page - ATMEL Corporation PC8240 Datasheet HTML 3Page - ATMEL Corporation PC8240 Datasheet HTML 4Page - ATMEL Corporation PC8240 Datasheet HTML 5Page - ATMEL Corporation PC8240 Datasheet HTML 6Page - ATMEL Corporation PC8240 Datasheet HTML 7Page - ATMEL Corporation PC8240 Datasheet HTML 8Page - ATMEL Corporation PC8240 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
PC8240
2149A–HIREL–05/02
Pinout Listing
Table 1 provides the pinout listing for the PC8240, 352 TBGA package.
Table 1. PC8240 Pinout Listing
Signal Name
Package Pin Number
Pin Type
Power
Supply
Output Driver
Type
Notes
PCI Interface Signals
C/BE[0
– 3]
A25 F23 K23 P25
I/O
OVdd
DRV_PCI
(6)(15)
DEVSEL
H26
I/O
OVdd
DRV_PCI
(8)(15)
FRAME
J24
I/O
OVdd
DRV_PCI
(8)(15)
IRDY
K25
I/O
OVdd
DRV_PCI
(8)(15)
LOCK
J26
Input
OVdd
–
(8)
AD[0
– 31]
C22 D22 B22 B23 D19 B24 A24 B26
A26 C26 D25 D26 E23 E25 E26 F24
L26 L25 M25 M26 N23 N25 N26 R26
R25 T26 T25 U23 U24 U26 U25 V25
I/O
OVdd
DRV_PCI
(6)(15)
PAR
G25
I/O
OVdd
DRV_PCI
(15)
GNT[0
– 3]
V26 W23 W24 W25
Output
OVdd
DRV_PCI
(6)(15)
GNT4/DA5
W26
Output
OVdd
DRV_PCI
(7)(15)
REQ[0
– 3]
AB26 AA25 AA26 Y25
Input
OVdd
–
(6)(12)
REQ4/DA4
Y26
Input
OVdd
–
(12)
PERR
G26
I/O
OVdd
DRV_PCI
(8)(15)(18)
SERR
F26
I/O
OVdd
DRV_PCI
(8)(15)(16)
STOP
H25
I/O
OVdd
DRV_PCI
(8)(15)
TRDY
K26
I/O
OVdd
DRV_PCI
(8)(15)
INTA
AC26
Output
OVdd
DRV_PCI
(15)(16)
IDSEL
P26
Input
OVdd
–
–
Memory Interface Signals
MDL[0
– 31]
AD17 AE17 AE15 AF15 AC14 AE13
AF13 AF12 AF11 AF10 AF9 AD8 AF8
AF7 AF6 AE5 B1 A1 A3 A4 A5 A6 A7
D7 A8 B8 A10 D10 A12 B11 B12 A14
I/O
GVdd
DRV_MEM_DATA
(5)(6)(13)
MDH[0
– 31]
AC17 AF16 AE16 AE14 AF14 AC13
AE12 AE11 AE10 AE9 AE8 AC7 AE7
AE6 AF5 AC5 E4 A2 B3 D4 B4 B5 D6
C6 B7 C9 A9 B10 A11 A13 B13 A15
I/O
GVdd
DRV_MEM_DATA
(6)(13)
CAS/DQM[0
– 7]
AB1 AB2 K3 K2 AC1 AC2 K1 J1
Output
GVdd
DRV_MEM_ADDR
(6)
RAS/CS[0
– 7]
Y4 AA3 AA4 AC4 M2 L2 M1 L1
Output
GVdd
DRV_MEM_ADDR
(6)
FOE
H1
I/O
GVdd
DRV_MEM_ADDR
(3)(4)
RCS0
N4
I/O
GVdd
DRV_MEM_ADDR
(3)(4)
RCS1
N2
Output
GVdd
DRV_MEM_ADDR
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com