Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 269 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 269 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 265Page - Microchip Technology 18F258 Datasheet HTML 266Page - Microchip Technology 18F258 Datasheet HTML 267Page - Microchip Technology 18F258 Datasheet HTML 268Page - Microchip Technology 18F258 Datasheet HTML 269Page - Microchip Technology 18F258 Datasheet HTML 270Page - Microchip Technology 18F258 Datasheet HTML 271Page - Microchip Technology 18F258 Datasheet HTML 272Page - Microchip Technology 18F258 Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 267
PIC18F2480/2580/4480/4580
22.0
HIGH/LOW-VOLTAGE DETECT
(HLVD)
PIC18F2480/2580/4480/4580
devices
have
a
High/Low-Voltage Detect module (HLVD). This is a
programmable circuit that allows the user to specify
both a device voltage trip point and the direction of
change from that point. If the device experiences an
excursion past the trip point in that direction, an
interrupt flag is set. If the interrupt is enabled, the
program execution will branch to the interrupt vector
address and the software can then respond to the
interrupt.
The
High/Low-Voltage
Detect
Control
register
(Register 22-1) completely controls the operation of the
HLVD module. This allows the circuitry to be “turned
off” by the user under software control, which
minimizes the current consumption for the device.
The block diagram for the HLVD module is shown in
Figure 22-1.
REGISTER 22-1:
HLVDCON: HIGH/LOW-VOLTAGE DETECT CONTROL REGISTER
R/W-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
VDIRMAG
—
IRVST
HLVDEN HLVDL3(1) HLVDL2(1) HLVDL1(1) HLVDL0(1)
bit 7
bit 0
bit 7
VDIRMAG: Voltage Direction Magnitude Select bit
1
= Event occurs when voltage equals or exceeds trip point (HLVDL3:HLDVL0)
0
= Event occurs when voltage equals or falls below trip point (HLVDL3:HLVDL0)
bit 6
Unimplemented: Read as ‘0’
bit 5
IRVST: Internal Reference Voltage Stable Flag bit
1
= Indicates that the Voltage Detect logic will generate the interrupt flag at the specified
voltage range
0
= Indicates that the Voltage Detect logic will not generate the interrupt flag at the specified
voltage range and the HLVD interrupt should not be enabled
bit 4
HLVDEN: High/Low-Voltage Detect Power Enable bit
1
= HLVD enabled
0
= HLVD disabled
bit 3-0
HLVDL3:HLVDL0: Voltage Detection Limit bits(1)
1111
= External analog input is used (input comes from the HLVDIN pin)
1110
= 4.48V-4.69V
1101
= 4.23V-4.43V
1100
= 4.01V-4.20V
1011
= 3.81V-3.99V
1010
= 3.63V-3.80V
1001
= 3.46V-3.63V
1000
= 3.31V-3.47V
0111
= 3.05V-3.19V
0110
= 2.82V-2.95V
0101
= 2.72V-2.85V
0100
= 2.54V-2.66V
0011
= 2.38V-2.49V
0010
= 2.31V-2.42V
0001
= 2.18V-2.28V
0000
= 2.12V-2.22V
Note 1: HLVDL3:HLVDL0 modes that result in a trip point below the valid operating voltage
of the device are not tested.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com