Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 266 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 266 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 262Page - Microchip Technology 18F258 Datasheet HTML 263Page - Microchip Technology 18F258 Datasheet HTML 264Page - Microchip Technology 18F258 Datasheet HTML 265Page - Microchip Technology 18F258 Datasheet HTML 266Page - Microchip Technology 18F258 Datasheet HTML 267Page - Microchip Technology 18F258 Datasheet HTML 268Page - Microchip Technology 18F258 Datasheet HTML 269Page - Microchip Technology 18F258 Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 264
Preliminary
 2004 Microchip Technology Inc.
FIGURE 21-1:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
21.2
Voltage Reference Accuracy/Error
The full range of voltage reference cannot be realized
due to the construction of the module. The transistors
on the top and bottom of the resistor ladder network
(Figure 21-1) keep CVREF from approaching the
reference source rails. The voltage reference is derived
from the reference source; therefore, the CVREF output
changes with fluctuations in that source. The tested
absolute accuracy of the voltage reference can be
found in Section 27.0 “Electrical Characteristics”.
21.3
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the CVRCON register are not affected. To minimize
current consumption in Sleep mode, the voltage
reference should be disabled.
21.4
Effects of a Reset
A device Reset disables the voltage reference by
clearing bit CVREN (CVRCON<7>). This Reset also
disconnects the reference from the RA0 pin by clearing
bit CVROE (CVRCON<6>) and selects the high-voltage
range by clearing bit CVRR (CVRCON<5>). The CVR
value select bits are also cleared.
21.5
Connection Considerations
The voltage reference module operates independently
of the comparator module. The output of the reference
generator may be connected to the RA0 pin if the
TRISA<0> bit and the CVROE bit are both set.
Enabling the voltage reference output onto the RA0
pin, with an input signal present, will increase current
consumption. Connecting RA0 as a digital output with
CVRSS
enabled
will
also
increase
current
consumption.
The RA0 pin can be used as a simple D/A output with
limited drive capability. Due to the limited current drive
capability, a buffer must be used on the voltage
reference output for external connections to VREF.
Figure 21-2 shows an example buffering technique.
CVR3:CVR0
8R
R
CVREN
CVRSS = 0
VDD
VREF+
CVRSS = 1
8R
CVRSS = 0
VREF-
CVRSS = 1
R
R
R
R
R
R
16 Steps
CVRR
CVREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com