Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 262 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 262 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 258Page - Microchip Technology 18F258 Datasheet HTML 259Page - Microchip Technology 18F258 Datasheet HTML 260Page - Microchip Technology 18F258 Datasheet HTML 261Page - Microchip Technology 18F258 Datasheet HTML 262Page - Microchip Technology 18F258 Datasheet HTML 263Page - Microchip Technology 18F258 Datasheet HTML 264Page - Microchip Technology 18F258 Datasheet HTML 265Page - Microchip Technology 18F258 Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 260
Preliminary
 2004 Microchip Technology Inc.
FIGURE 20-3:
COMPARATOR OUTPUT BLOCK DIAGRAM
20.6
Comparator Interrupts
The comparator interrupt flag is set whenever there is
a change in the output value of either comparator.
Software will need to maintain information about the
status of the output bits, as read from CMCON<7:6>, to
determine the actual change that occurred. The CMIF
bit (PIR2<6>) is the Comparator Interrupt Flag. The
CMIF bit must be reset by clearing it. Since it is also
possible to write a ‘1’ to this register, a simulated
interrupt may be initiated.
Both the CMIE bit (PIE2<6>) and the PEIE bit
(INTCON<6>) must be set to enable the interrupt. In
addition, the GIE bit (INTCON<7>) must also be set. If
any of these bits are clear, the interrupt is not enabled,
though the CMIF bit will still be set if an interrupt
condition occurs.
The user, in the Interrupt Service Routine, can clear the
interrupt in the following manner:
a)
Any read or write of CMCON will end the
mismatch condition.
b)
Clear flag bit CMIF.
A mismatch condition will continue to set flag bit CMIF.
Reading CMCON will end the mismatch condition and
allow flag bit CMIF to be cleared.
20.7
Comparator Operation
During Sleep
When a comparator is active and the device is placed
in Sleep mode, the comparator remains active and the
interrupt is functional if enabled. This interrupt will
wake-up the device from Sleep mode, when enabled.
While the comparator is powered up, higher Sleep
currents than shown in the power-down current
specification will occur. Each operational comparator
will consume additional current, as shown in the com-
parator specifications. To minimize power consumption
while in Sleep mode, turn off the comparators
(CM2:CM0 = 111) before entering Sleep. If the device
wakes up from Sleep, the contents of the CMCON
register are not affected.
20.8
Effects of a Reset
A device Reset forces the CMCON register to its Reset
state, causing the comparator module to be in the Com-
parator Reset mode (CM2:CM0 = 000). This ensures
that all potential inputs are analog inputs. Device
current is minimized when analog inputs are present at
Reset time. The comparators are powered down during
the Reset interval.
DQ
EN
To RE1 or
RE2 pin
Bus
Data
Set
CMIF
bit
Port pins
Read CMCON
Reset
From
other
Comparator
CxINV
DQ
EN
CL
Note:
If a change in the CMCON register
(C1OUT or C2OUT) should occur when a
read operation is being executed (start of
the Q2 cycle), then the CMIF (PIR
registers) interrupt flag may not get set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com