Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 263 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 263 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 259Page - Microchip Technology 18F258 Datasheet HTML 260Page - Microchip Technology 18F258 Datasheet HTML 261Page - Microchip Technology 18F258 Datasheet HTML 262Page - Microchip Technology 18F258 Datasheet HTML 263Page - Microchip Technology 18F258 Datasheet HTML 264Page - Microchip Technology 18F258 Datasheet HTML 265Page - Microchip Technology 18F258 Datasheet HTML 266Page - Microchip Technology 18F258 Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 261
PIC18F2480/2580/4480/4580
20.9
Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 20-4. Since the analog pins are connected to a
digital output, they have reverse biased diodes to VDD
and VSS. The analog input, therefore, must be between
VSS and VDD. If the input voltage deviates from this
range by more than 0.6V in either direction, one of the
diodes is forward biased and a latch-up condition may
occur. A maximum source impedance of 10 k
Ω is
recommended for the analog sources. Any external
component connected to an analog input pin, such as
a capacitor or a Zener diode, should have very little
leakage current.
FIGURE 20-4:
COMPARATOR ANALOG INPUT MODEL
TABLE 20-1:
REGISTERS ASSOCIATED WITH COMPARATOR MODULE
VA
RS < 10k
AIN
CPIN
5 pF
VDD
VT = 0.6V
VT = 0.6V
RIC
ILEAKAGE
±500 nA
VSS
Legend:
CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE = Leakage Current at the pin due to various junctions
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage
Comparator
Input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
CMCON(3)
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
51
CVRCON(3)
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
51
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
52
IPR2
OSCFIP
CMIP(2)
—
EEIP
BCLIP
HLVDIP
TMR3IP
ECCP1IP
51
PIR2
OSCFIF
CMIF(2)
—
EEIF
BCLIF
HLVDIF
TMR3IF
ECCP1IF
51
PIE2
OSCFIE
CMIE(2)
—
EEIE
BCLIE
HLVDIE
TMR3IE
ECCP1IE
52
PORTA
RA7(1)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
52
LATA
LATA7(1)
LATA6(1)
LATA Data Output Register
52
TRISA
TRISA7(1)
TRISA6(1) PORTA Data Direction Register
52
Legend: — = unimplemented, read as ‘0’. Shaded cells are unused by the comparator module.
Note 1:
PORTA pins are enabled based on oscillator configuration.
2:
These bits are available in PIC18F4X80 devices and reserved in PIC18F2X80 devices.
3:
These registers are unimplemented on PIC18F2X80 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com