Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 265 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 265 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 261Page - Microchip Technology 18F258 Datasheet HTML 262Page - Microchip Technology 18F258 Datasheet HTML 263Page - Microchip Technology 18F258 Datasheet HTML 264Page - Microchip Technology 18F258 Datasheet HTML 265Page - Microchip Technology 18F258 Datasheet HTML 266Page - Microchip Technology 18F258 Datasheet HTML 267Page - Microchip Technology 18F258 Datasheet HTML 268Page - Microchip Technology 18F258 Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 263
PIC18F2480/2580/4480/4580
21.0
COMPARATOR VOLTAGE
REFERENCE MODULE
The comparator voltage reference is a 16-tap resistor
ladder network that provides a selectable reference
voltage. Although its primary purpose is to provide a
reference for the analog comparators, it may also be
used independently of them.
A
block
diagram
is
of
the
module
shown
in
Figure 21-1.The resistor ladder is segmented to
provide two ranges of CVREF values and has a
power-down function to conserve power when the
reference is not being used. The module’s supply
reference can be provided from either device VDD/VSS
or an external voltage reference.
21.1
Configuring the Comparator
Voltage Reference
The voltage reference module is controlled through the
CVRCON register (Register 21-1). The comparator
voltage reference provides two ranges of output
voltage, each with 16 distinct levels. The range to be
used is selected by the CVRR bit (CVRCON<5>). The
primary difference between the ranges is the size of the
steps
selected
by
the
CVREF
Selection
bits
(CVR3:CVR0), with one range offering finer resolution.
The equations used to calculate the output of the
comparator voltage reference are as follows:
If CVRR = 1:
CVREF = ((CVR3:CVR0)/24) x CVRSRC
If CVRR = 0:
CVREF = (CVDD x 1/4) + (((CVR3:CVR0)/32) x
CVRSRC)
The comparator reference supply voltage can come
from either VDD and VSS, or the external VREF+ and
VREF- that are multiplexed with RA2 and RA3. The
voltage source is
selected by the CVRSS bit
(CVRCON<4>).
The settling time of the comparator voltage reference
must be considered when changing the CVREF output
(see
Table 27-3
in
Section 27.0
“Electrical
Characteristics”).
REGISTER 21-1:
CVRCON: COMPARATOR VOLTAGE REFERENCE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CVREN
CVROE(1)
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
bit 7
bit 0
bit 7
CVREN: Comparator Voltage Reference Enable bit
1
= CVREF circuit powered on
0
= CVREF circuit powered down
bit 6
CVROE: Comparator VREF Output Enable bit(1)
1
= CVREF voltage level is also output on the RA0/AN0/CVREF pin
0
= CVREF voltage is disconnected from the RA0/AN0/CVREF pin
Note 1: CVROE overrides the TRISA<0> bit setting. If enabled for output, RA2 must also
be configured as an input by setting TRISA<2> to ‘1’.
bit 5
CVRR: Comparator VREF Range Selection bit
1
= 0.00 CVRSRC to 0.75 CVRSRC, with CVRSRC/24 step size
0
= 0.25 CVRSRC to 0.75 CVRSRC, with CVRSRC/32 step size
bit 4
CVRSS: Comparator VREF Source Selection bit
1
= Comparator reference source, CVRSRC = (VREF+) – (VREF-)
0
= Comparator reference source, CVRSRC = VDD – VSS
bit 3-0
CVR3:CVR0: Comparator VREF Value Selection bits (0
≤ (CVR3:CVR0) ≤ 15)
When CVRR = 1:
CVREF = ((CVR3:CVR0)/24)
• (CVRSRC)
When CVRR = 0:
CVREF = (CVRSRC/4) + ((CVR3:CVR0)/32)
• (CVRSRC)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com