Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 294 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 294 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 290Page - Microchip Technology 18F258 Datasheet HTML 291Page - Microchip Technology 18F258 Datasheet HTML 292Page - Microchip Technology 18F258 Datasheet HTML 293Page - Microchip Technology 18F258 Datasheet HTML 294Page - Microchip Technology 18F258 Datasheet HTML 295Page - Microchip Technology 18F258 Datasheet HTML 296Page - Microchip Technology 18F258 Datasheet HTML 297Page - Microchip Technology 18F258 Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 292
Preliminary
 2004 Microchip Technology Inc.
REGISTER 23-19: RXBnDLC: RECEIVE BUFFER n DATA LENGTH CODE REGISTERS [0
≤ n ≤ 1]
REGISTER 23-20: RXBnDm: RECEIVE BUFFER n DATA FIELD BYTE m REGISTERS
[0
≤ n ≤ 1, 0 ≤ m ≤ 7]
U-0
R-x
R-x
R-x
R-x
R-x
R-x
R-x
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
RXRTR: Receiver Remote Transmission Request bit
1
= Remote transfer request
0
= No remote transfer request
bit 5
RB1: Reserved bit 1
Reserved by CAN Spec and read as ‘0’.
bit 4
RB0: Reserved bit 0
Reserved by CAN Spec and read as ‘0’.
bit 3-0
DLC3:DLC0: Data Length Code bits
1111
= Invalid
1110
= Invalid
1101
= Invalid
1100
= Invalid
1011
= Invalid
1010
= Invalid
1001
= Invalid
1000
= Data length = 8 bytes
0111
= Data length = 7 bytes
0110
= Data length = 6 bytes
0101
= Data length = 5 bytes
0100
= Data length = 4 bytes
0011
= Data length = 3 bytes
0010
= Data length = 2 bytes
0001
= Data length = 1 bytes
0000
= Data length = 0 bytes
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
RXBnDm7 RXBnDm6 RXBnDm5 RXBnDm4 RXBnDm3 RXBnDm2 RXBnDm1 RXBnDm0
bit 7
bit 0
bit 7-0
RXBnDm7:RXBnDm0: Receive Buffer n Data Field Byte m bits (where 0
≤ n < 1 and 0 < m < 7)
Each receive buffer has an array of registers. For example, Receive Buffer 0 has 8 registers:
RXB0D0 to RXB0D7.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com