Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 291 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 291 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 287Page - Microchip Technology 18F258 Datasheet HTML 288Page - Microchip Technology 18F258 Datasheet HTML 289Page - Microchip Technology 18F258 Datasheet HTML 290Page - Microchip Technology 18F258 Datasheet HTML 291Page - Microchip Technology 18F258 Datasheet HTML 292Page - Microchip Technology 18F258 Datasheet HTML 293Page - Microchip Technology 18F258 Datasheet HTML 294Page - Microchip Technology 18F258 Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 289
PIC18F2480/2580/4480/4580
REGISTER 23-14: RXB1CON: RECEIVE BUFFER 1 CONTROL REGISTER
Mode 0
R/C-0
R/W-0
R/W-0
U-0
R-0
R/W-0
R-0
R-0
RXFUL(1)
RXM1
RXM0
—
RXRTRRO
FILHIT2
FILHIT1
FILHIT0
Mode 1, 2
R/C-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
RXFUL(1)
RXM1
RTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
bit 7
bit 0
bit 7
RXFUL: Receive Full Status bit(1)
1
= Receive buffer contains a received message
0
= Receive buffer is open to receive a new message
Note 1: This bit is set by the CAN module upon receiving a message and must be cleared
by software after the buffer is read. As long as RXFUL is set, no new message will
be loaded and buffer will be considered full.
bit 6
Mode 0:
RXM1: Receive Buffer Mode bit 1
Combines with RXM0 to form RXM<1:0> bits (see bit 5).
11
= Receive all messages (including those with errors); filter criteria is ignored
10
= Receive only valid messages with extended identifier; EXIDEN in RXFnSIDL must be ‘1’
01
= Receive only valid messages with standard identifier, EXIDEN in RXFnSIDL must be ‘0’
00
= Receive all valid messages as per EXIDEN bit in RXFnSIDL register
Mode 1, 2:
RXM1: Receive Buffer Mode bit
1
= Receive all messages (including those with errors); acceptance filters are ignored
0
= Receive all valid messages as per acceptance filters
bit 5
Mode 0:
RXM0: Receive Buffer Mode bit 0
Combines with RXM1 to form RXM<1:0> bits (see bit 6).
Mode 1, 2:
RTRRO: Remote Transmission Request bit for Received Message (read-only)
1
= A remote transmission request is received
0
= A remote transmission request is not received
bit 4
Mode 0:
Unimplemented: Read as ‘0’
Mode 1, 2:
FILHIT4: Filter Hit bit 4
This bit combines with other bits to form filter acceptance bits <4:0>.
bit 3
Mode 0:
RXRTRRO: Remote Transmission Request bit for Received Message (read-only)
1
= A remote transmission request is received
0
= A remote transmission request is not received
Mode 1, 2:
FILHIT3: Filter Hit bit 3
This bit combines with other bits to form filter acceptance bits <4:0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com