Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 290 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 290 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 286Page - Microchip Technology 18F258 Datasheet HTML 287Page - Microchip Technology 18F258 Datasheet HTML 288Page - Microchip Technology 18F258 Datasheet HTML 289Page - Microchip Technology 18F258 Datasheet HTML 290Page - Microchip Technology 18F258 Datasheet HTML 291Page - Microchip Technology 18F258 Datasheet HTML 292Page - Microchip Technology 18F258 Datasheet HTML 293Page - Microchip Technology 18F258 Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 288
Preliminary
 2004 Microchip Technology Inc.
REGISTER 23-13: RXB0CON: RECEIVE BUFFER 0 CONTROL REGISTER (CONTINUED)
bit 2
Mode 0:
RXB0DBEN: Receive Buffer 0 Double-Buffer Enable bit
1
= Receive Buffer 0 overflow will write to Receive Buffer 1
0
= No Receive Buffer 0 overflow to Receive Buffer 1
Mode 1, 2:
FILHIT2: Filter Hit bit 2
This bit combines with other bits to form filter acceptance bits <4:0>.
bit 1
Mode 0:
JTOFF: Jump Table Offset bit (read-only copy of RXB0DBEN)(2)
1
= Allows jump table offset between 6 and 7
0
= Allows jump table offset between 1 and 0
Mode 1, 2:
FILHIT1: Filter Hit bit 1
This bit combines with other bits to form filter acceptance bits <4:0>.
bit 0
Mode 0:
FILHIT0: Filter Hit bit 0
This bit indicates which acceptance filter enabled the message reception into Receive Buffer 0.
1
= Acceptance Filter 1 (RXF1)
0
= Acceptance Filter 0 (RXF0)
Mode 1, 2:
FILHIT0: Filter Hit bit 0
This bit, in combination with FILHIT<4:1>, indicates which acceptance filter enabled the message
reception into this receive buffer.
01111
= Acceptance Filter 15 (RXF15)
01110
= Acceptance Filter 14 (RXF14)
...
00000
= Acceptance Filter 0 (RXF0)
Note 1: This bit is set by the CAN module upon receiving a message and must be cleared by
software after the buffer is read. As long as RXFUL is set, no new message will be
loaded and buffer will be considered full. After clearing the RXFUL flag, the PIR3 bit,
RXB0IF, can be cleared. If RXB0IF is cleared, but RXFUL is not cleared, then RXB0IF
is set again.
2: This bit allows same filter jump table for both RXB0CON and RXB1CON.
Legend:
C = Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com