Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 287 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 287 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 283Page - Microchip Technology 18F258 Datasheet HTML 284Page - Microchip Technology 18F258 Datasheet HTML 285Page - Microchip Technology 18F258 Datasheet HTML 286Page - Microchip Technology 18F258 Datasheet HTML 287Page - Microchip Technology 18F258 Datasheet HTML 288Page - Microchip Technology 18F258 Datasheet HTML 289Page - Microchip Technology 18F258 Datasheet HTML 290Page - Microchip Technology 18F258 Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 285
PIC18F2480/2580/4480/4580
REGISTER 23-11: TXBnDLC: TRANSMIT BUFFER n DATA LENGTH CODE REGISTERS [0
≤ n ≤ 2]
REGISTER 23-12: TXERRCNT: TRANSMIT ERROR COUNT REGISTER
U-0
R/W-x
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
TXRTR: Transmit Remote Frame Transmission Request bit
1
= Transmitted message will have TXRTR bit set
0
= Transmitted message will have TXRTR bit cleared
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
DLC3:DLC0: Data Length Code bits
1111
= Reserved
1110
= Reserved
1101
= Reserved
1100
= Reserved
1011
= Reserved
1010
= Reserved
1001
= Reserved
1000
= Data length = 8 bytes
0111
= Data length = 7 bytes
0110
= Data length = 6 bytes
0101
= Data length = 5 bytes
0100
= Data length = 4 bytes
0011
= Data length = 3 bytes
0010
= Data length = 2 bytes
0001
= Data length = 1 bytes
0000
= Data length = 0 bytes
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
bit 7
bit 0
bit 7-0
TEC7:TEC0: Transmit Error Counter bits
This register contains a value which is derived from the rate at which errors occur. When the
error count overflows, the bus-off state occurs. When the bus has 128 occurrences of
11 consecutive recessive bits, the counter value is cleared.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com