Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 289 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 289 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 285Page - Microchip Technology 18F258 Datasheet HTML 286Page - Microchip Technology 18F258 Datasheet HTML 287Page - Microchip Technology 18F258 Datasheet HTML 288Page - Microchip Technology 18F258 Datasheet HTML 289Page - Microchip Technology 18F258 Datasheet HTML 290Page - Microchip Technology 18F258 Datasheet HTML 291Page - Microchip Technology 18F258 Datasheet HTML 292Page - Microchip Technology 18F258 Datasheet HTML 293Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 287
PIC18F2480/2580/4480/4580
23.2.3
DEDICATED CAN RECEIVE
BUFFER REGISTERS
This section shows the dedicated CAN Receive Buffer
registers with their associated control registers.
REGISTER 23-13: RXB0CON: RECEIVE BUFFER 0 CONTROL REGISTER
Mode 0
R/C-0
R/W-0
R/W-0
U-0
R-0
R/W-0
R-0
R-0
RXFUL(1)
RXM1
RXM0
—
RXRTRRO RXB0DBEN JTOFF(2)
FILHIT0
Mode 1, 2
R/C-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
RXFUL(1)
RXM1
RTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
bit 7
bit 0
bit 7
RXFUL: Receive Full Status bit(1)
1
= Receive buffer contains a received message
0
= Receive buffer is open to receive a new message
bit 6
Mode 0:
RXM1: Receive Buffer Mode bit 1
Combines with RXM0 to form RXM<1:0> bits (see bit 5).
11
= Receive all messages (including those with errors); filter criteria is ignored
10
= Receive only valid messages with extended identifier; EXIDEN in RXFnSIDL must be ‘1’
01
= Receive only valid messages with standard identifier; EXIDEN in RXFnSIDL must be ‘0’
00
= Receive all valid messages as per EXIDEN bit in RXFnSIDL register
Mode 1, 2:
RXM1: Receive Buffer Mode bit
1
= Receive all messages (including those with errors); acceptance filters are ignored
0
= Receive all valid messages as per acceptance filters
bit 5
Mode 0:
RXM0: Receive Buffer Mode bit 0
Combines with RXM1 to form RXM<1:0> bits (see bit 6).
Mode 1, 2:
RTRRO: Remote Transmission Request bit for Received Message (read-only)
1
= A remote transmission request is received
0
= A remote transmission request is not received
bit 4
Mode 0:
Unimplemented: Read as ‘0’
Mode 1, 2:
FILHIT4: Filter Hit bit 4
This bit combines with other bits to form filter acceptance bits <4:0>.
bit 3
Mode 0:
RXRTRRO: Remote Transmission Request bit for Received Message (read-only)
1
= A remote transmission request is received
0
= A remote transmission request is not received
Mode 1, 2:
FILHIT3: Filter Hit bit 3
This bit combines with other bits to form filter acceptance bits <4:0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com