Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 438 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 438 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 434Page - Microchip Technology 18F258 Datasheet HTML 435Page - Microchip Technology 18F258 Datasheet HTML 436Page - Microchip Technology 18F258 Datasheet HTML 437Page - Microchip Technology 18F258 Datasheet HTML 438Page - Microchip Technology 18F258 Datasheet HTML 439Page - Microchip Technology 18F258 Datasheet HTML 440Page - Microchip Technology 18F258 Datasheet HTML 441Page - Microchip Technology 18F258 Datasheet HTML 442Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 436
Preliminary
 2004 Microchip Technology Inc.
FIGURE 27-6:
CLKO AND I/O TIMING
TABLE 27-9:
CLKO AND I/O TIMING REQUIREMENTS
Note:
Refer to Figure 27-4 for load conditions.
OSC1
CLKO
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TOSH2CKLOSC1
↑ to CLKO ↓
—
75
200
ns
(Note 1)
11
TOSH2CKHOSC1
↑ to CLKO ↑
—
75
200
ns
(Note 1)
12
TCKR
CLKO Rise Time
—
35
100
ns
(Note 1)
13
TCKF
CLKO Fall Time
—
35
100
ns
(Note 1)
14
TCKL2IOVCLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15
TIOV2CKH Port In Valid before CLKO
↑
0.25 TCY + 25
—
—
ns
(Note 1)
16
TCKH2IOI
Port In Hold after CLKO
↑
0—
—
ns
(Note 1)
17
TOSH2IOVOSC1
↑ (Q1 cycle) to Port Out Valid
—
50
150
ns
18
TOSH2IOIOSC1
↑ (Q2 cycle) to Port
Input Invalid (I/O in hold
time)
PIC18FXXXX
100
—
—
ns
18A
PIC18LFXXXX
200
—
—
ns
VDD = 2.0V
19
TIOV2OSH Port Input Valid to OSC1
↑ (I/O in
setup time)
0—
—
ns
20
TIOR
Port Output Rise Time
PIC18FXXXX
—
10
25
ns
20A
PIC18LFXXXX
—
—
60
ns
VDD = 2.0V
21
TIOF
Port Output Fall Time
PIC18FXXXX
—
10
25
ns
21A
PIC18LFXXXX
—
—
60
ns
VDD = 2.0V
22†
TINP
INT pin High or Low Time
TCY
——
ns
23†
TRBP
RB7:RB4 Change INT High or Low Time
TCY
——
ns
24†
TRCP
RC7:RC4 Change INT High or Low Time
20
ns
† These parameters are asynchronous events not related to any internal clock edges.
Note 1:
Measurements are taken in RC mode, where CLKO output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com