Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 439 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 439 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 435Page - Microchip Technology 18F258 Datasheet HTML 436Page - Microchip Technology 18F258 Datasheet HTML 437Page - Microchip Technology 18F258 Datasheet HTML 438Page - Microchip Technology 18F258 Datasheet HTML 439Page - Microchip Technology 18F258 Datasheet HTML 440Page - Microchip Technology 18F258 Datasheet HTML 441Page - Microchip Technology 18F258 Datasheet HTML 442Page - Microchip Technology 18F258 Datasheet HTML 443Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 437
PIC18F2480/2580/4480/4580
FIGURE 27-7:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND
POWER-UP TIMER TIMING
FIGURE 27-8:
BROWN-OUT RESET TIMING
TABLE 27-10: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET REQUIREMENTS
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
30
TMCLMCLR Pulse Width (low)
2
—
—
µs
31
TWDT
Watchdog Timer Time-out Period
(no postscaler)
—4.00
TBD
ms
32
TOST
Oscillation Start-up Timer Period
1024 TOSC
—
1024 TOSC
—TOSC = OSC1 period
33
TPWRT Power-up Timer Period
—
65.5
TBD
ms
34
TIOZ
I/O High-Impedance from MCLR
Low or Watchdog Timer Reset
—2
—
µs
35
TBOR
Brown-out Reset Pulse Width
200
—
—
µsVDD ≤ BVDD (see D005)
36
TIVRST Time for Internal Reference Voltage
to become stable
—20
50
µs
37
TLVD
High/Low-Voltage Detect Pulse
Width
200
—
—
µsVDD ≤ VLVD
38
TCSD
CPU Start-up Time
5
—
10
µs
39
TIOBST Time for INTOSC to stabilize
—
1
—
ms
Legend: TBD = To Be Determined
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
Reset
Watchdog
Timer
Reset
33
32
30
31
34
I/O pins
34
Note:
Refer to Figure 27-4 for load conditions.
VDD
BVDD
35
VBGAP = 1.2V
VIRVST
Enable Internal
Internal Reference
36
Reference Voltage
Voltage Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com