Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 441 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 441 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 437Page - Microchip Technology 18F258 Datasheet HTML 438Page - Microchip Technology 18F258 Datasheet HTML 439Page - Microchip Technology 18F258 Datasheet HTML 440Page - Microchip Technology 18F258 Datasheet HTML 441Page - Microchip Technology 18F258 Datasheet HTML 442Page - Microchip Technology 18F258 Datasheet HTML 443Page - Microchip Technology 18F258 Datasheet HTML 444Page - Microchip Technology 18F258 Datasheet HTML 445Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 439
PIC18F2480/2580/4480/4580
FIGURE 27-10:
CAPTURE/COMPARE/PWM TIMINGS (ALL CCP MODULES)
TABLE 27-12: CAPTURE/COMPARE/PWM REQUIREMENTS (ALL CCP MODULES)
Note:
Refer to Figure 27-4 for load conditions.
CCPx
(Capture Mode)
50
51
52
CCPx
53
54
(Compare or PWM Mode)
Param
No.
Sym
Characteristic
Min
Max
Units
Conditions
50
TCCL
CCPx Input Low
Time
No prescaler
0.5 TCY + 20
—
ns
With prescaler PIC18FXXXX
10
—
ns
PIC18LFXXXX
20
—
ns
VDD = 2.0V
51
TCCH
CCPx Input High
Time
No prescaler
0.5 TCY + 20
—
ns
With prescaler PIC18FXXXX
10
—
ns
PIC18LFXXXX
20
—
ns
VDD = 2.0V
52
TCCP
CCPx Input Period
3 TCY + 40
N
—ns
N = prescale
value (1,4 or 16)
53
TCCR
CCPx Output Fall Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V
54
TCCF
CCPx Output Fall Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com