Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 167 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 167 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 163Page - Microchip Technology 18F258 Datasheet HTML 164Page - Microchip Technology 18F258 Datasheet HTML 165Page - Microchip Technology 18F258 Datasheet HTML 166Page - Microchip Technology 18F258 Datasheet HTML 167Page - Microchip Technology 18F258 Datasheet HTML 168Page - Microchip Technology 18F258 Datasheet HTML 169Page - Microchip Technology 18F258 Datasheet HTML 170Page - Microchip Technology 18F258 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 165
PIC18F2480/2580/4480/4580
15.2
Capture Mode
In Capture mode, the ECCPR1H:ECCPR1L register
pair captures the 16-bit value of the TMR1 or TMR3
registers when an event occurs on the CCP1 pin (RB3
or RC1, depending on device configuration). An event
is defined as one of the following:
• every falling edge
• every rising edge
• every 4th rising edge
• every 16th rising edge
The event is selected by the mode select bits,
CCP1M3:CCP1M0 (CCP1CON<3:0>). When a cap-
ture is made, the interrupt request flag bit, CCP1IF
(PIR2<1>), is set; it must be cleared in software. If
another capture occurs before the value in register
CCPR1 is read, the old captured value is overwritten by
the new captured value.
15.2.1
CCP PIN CONFIGURATION
In Capture mode, the appropriate CCPx pin should be
configured as an input by setting the corresponding
TRIS direction bit.
15.2.2
TIMER1/TIMER3 MODE SELECTION
The timers that are to be used with the capture feature
(Timer1 and/or Timer3) must be running in Timer mode
or Synchronized Counter mode. In Asynchronous
Counter mode, the capture operation may not work.
The timer to be used with each CCP module is selected
in the T3CON register (see Section 15.1.1 “CCP
Modules and Timer Resources”).
15.2.3
SOFTWARE INTERRUPT
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep the
CCPxIE interrupt enable bit clear to avoid false inter-
rupts. The interrupt flag bit, CCPxIF, should also be
cleared following any such change in operating mode.
15.2.4
CCP PRESCALER
There are four prescaler settings in Capture mode; they
are specified as part of the operating mode selected by
the mode select bits (CCP1M3:CCP1M0). Whenever
the CCP module is turned off or the CCP module is not
in Capture mode, the prescaler counter is cleared. This
means that any Reset will clear the prescaler counter.
Switching from one capture prescaler to another may
generate an interrupt. Also, the prescaler counter will
not be cleared; therefore, the first capture may be from
a non-zero prescaler. Example 15-1 shows the recom-
mended method for switching between capture pre-
scalers. This example also clears the prescaler counter
and will not generate the “false” interrupt.
15.2.5
CAN MESSAGE TIME-STAMP
The CAN capture event occurs when a message is
received in any of the receive buffers. When config-
ured, the CAN module provides the trigger to the CCP1
module to cause a capture event. This feature is
provided to “time-stamp” the received CAN messages.
This feature is enabled by setting the CANCAP bit of
the CAN I/O Control register (CIOCON<4>). The
message receive signal from the CAN module then
takes the place of the events on RC2/CCP1.
If this feature is selected, then four different capture
options for CCP1M<3:0> are available:
• 0100 – every time a CAN message is received
• 0101 – every time a CAN message is received
• 0110 – every 4th time a CAN message is
received
• 0111 – capture mode, every 16th time a CAN
message is received
EXAMPLE 15-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
Note:
If RC2/CCP1 or RD4/PSP4/ECCP1/P1A
is configured as an output, a write to the
port can cause a capture condition.
CLRF
CCP1CON
; Turn CCP module off
MOVLW
NEW_CAPT_PS ; Load WREG with the
; new prescaler mode
; value and CCP ON
MOVWF
CCP1CON
; Load CCP1CON with
; this value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com