Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 169 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 169 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 165Page - Microchip Technology 18F258 Datasheet HTML 166Page - Microchip Technology 18F258 Datasheet HTML 167Page - Microchip Technology 18F258 Datasheet HTML 168Page - Microchip Technology 18F258 Datasheet HTML 169Page - Microchip Technology 18F258 Datasheet HTML 170Page - Microchip Technology 18F258 Datasheet HTML 171Page - Microchip Technology 18F258 Datasheet HTML 172Page - Microchip Technology 18F258 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 167
PIC18F2480/2580/4480/4580
15.3
Compare Mode
In Compare mode, the 16-bit CCPR1 register value is
constantly compared against either the TMR1 or TMR3
register pair value. When a match occurs, the CCP1
pin can be:
• driven high
• driven low
• toggled (high-to-low or low-to-high)
• remain unchanged (that is, reflects the state of the
I/O latch)
The action on the pin is based on the value of the mode
select bits (ECCP1M3:ECCP1M0). At the same time,
the interrupt flag bit ECCP1IF is set.
15.3.1
CCP PIN CONFIGURATION
The user must configure the CCPx pin as an output by
clearing the appropriate TRIS bit.
15.3.2
TIMER1/TIMER3 MODE SELECTION
Timer1 and/or Timer3 must be running in Timer mode
or Synchronized Counter mode if the CCP module is
using the compare feature. In Asynchronous Counter
mode, the compare operation may not work.
15.3.3
SOFTWARE INTERRUPT MODE
When the Generate Software Interrupt mode is chosen
(CCP1M3:CCP1M0 = 1010), the CCP1 pin is not
affected. Only a CCP interrupt is generated, if enabled
and the CCP1IE bit is set.
15.3.4
SPECIAL EVENT TRIGGER
Both CCP modules are equipped with a special event
trigger. This is an internal hardware signal generated in
Compare mode to trigger actions by other modules.
The special event trigger is enabled by selecting the
Compare
Special
Event
Trigger
mode
(CCP1M3:CCP1M0 = 1011).
For either CCP module, the special event trigger resets
the timer register pair for whichever timer resource is
currently assigned as the module’s time base. This
allows
the
CCPRx
registers
to
serve
as
a
programmable period register for either timer.
FIGURE 15-2:
COMPARE MODE OPERATION BLOCK DIAGRAM
Note:
Clearing the CCP1CON register will force
the RC2 compare output latch (depending
on device configuration) to the default low
level. This is not the PORTC I/O data
latch.
CCPR1H
CCPR1L
TMR1H
TMR1L
Comparator
Q
S
R
Output
Logic
Special Event Trigger
Set CCP1IF
CCP1 pin
TRIS
CCP1CON<3:0>
Output Enable
TMR3H
TMR3L
ECCPR1H
ECCPR1L
Comparator
1
0
T3ECCP1
T3CCP1
Set CCP1IF
1
0
Compare
4
(Timer1 Reset)
Q
S
R
Output
Logic
Special Event Trigger
ECCP1 pin
TRIS
ECCP1CON<3:0>
Output Enable
4
(Timer1/Timer3 Reset, A/D Trigger)
Match
Compare
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com