Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 171 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 171 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 167Page - Microchip Technology 18F258 Datasheet HTML 168Page - Microchip Technology 18F258 Datasheet HTML 169Page - Microchip Technology 18F258 Datasheet HTML 170Page - Microchip Technology 18F258 Datasheet HTML 171Page - Microchip Technology 18F258 Datasheet HTML 172Page - Microchip Technology 18F258 Datasheet HTML 173Page - Microchip Technology 18F258 Datasheet HTML 174Page - Microchip Technology 18F258 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 169
PIC18F2480/2580/4480/4580
15.4
PWM Mode
In Pulse-Width Modulation (PWM) mode, the CCP1 pin
produces up to a 10-bit resolution PWM output. Since
the CCP1 pin is multiplexed with a PORTB or PORTC
data latch, the appropriate TRIS bit must be cleared to
make the CCP1 pin an output.
Figure 15-3 shows a simplified block diagram of the
CCP module in PWM mode.
For a step-by-step procedure on how to set up the CCP
module for PWM operation, see Section 15.4.4
“Setup for PWM Operation”.
FIGURE 15-3:
SIMPLIFIED PWM BLOCK
DIAGRAM
A PWM output (Figure 15-4) has a time base (period)
and a time that the output stays high (duty cycle). The
frequency of the PWM is the inverse of the period
(1/period).
FIGURE 15-4:
PWM OUTPUT
15.4.1
PWM PERIOD
The PWM period is specified by writing to the PR2
(PR4) register. The PWM period can be calculated
using the following formula.
EQUATION 15-1:
PWM frequency is defined as 1/[PWM period].
When TMR1 (TMR3) is equal to PR2 (PR2), the
following three events occur on the next increment
cycle:
•TMR2 is cleared
• The CCP1 pin is set (exception: if PWM duty
cycle = 0%, the CCP1 pin will not be set)
• The PWM duty cycle is latched from ECCPR1L
into ECCPR1H
15.4.2
PWM DUTY CYCLE
The PWM duty cycle is specified by writing to the
ECCPR1L register and to the CCP1CON<5:4> bits. Up
to 10-bit resolution is available. The ECCPR1L con-
tains the eight MSbs and the CCP1CON<5:4> contains
the two LSbs. This 10-bit value is represented by
ECCPR1L:ECCP1CON<5:4>. The following equation
is used to calculate the PWM duty cycle in time.
EQUATION 15-2:
ECCPR1L and ECCP1CON<5:4> can be written to at
any time, but the duty cycle value is not latched into
ECCPR1H until after a match between PR2 and TMR2
occurs (i.e., the period is complete). In PWM mode,
ECCPR1H is a read-only register.
Note:
Clearing the CCP1CON register will force
the RC2 output latch (depending on
device configuration) to the default low
level. This is not the PORTC I/O data
latch.
CCPR1L
CCPR1H (Slave)
Comparator
TMR2
Comparator
PR2
(Note 1)
R
Q
S
Duty Cycle Registers
CCP1CON<5:4>
Clear Timer,
CCP1 pin and
latch D.C.
TRISC<2>
RC2/CCP1
Note 1: The 8-bit TMR2 value is concatenated with 2-bit inter-
nal Q clock, or 2 bits of the prescaler, to create the
10-bit time base.
PORTC<2>
Note:
The Timer2 postscalers (see Section 13.0
“Timer2 Module”) are not used in the
determination of the PWM frequency. The
postscaler could be used to have a servo
update rate at a different frequency than
the PWM output.
Period
Duty Cycle
TMR2 = PR2
TMR2 = Duty Cycle
TMR2 = PR2
PWM Period = (PR2) + 1] • 4 • TOSC •
(TMR2 Prescale Value)
PWM Duty Cycle = (ECCPR1L:ECCP1CON<5:4>) •
TOSC • (TMR2 Prescale Value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com