Electronic Components Datasheet Search
  English  ▼

X  

PA2460 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PA2460
Description  Power Amplifier IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2460 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PA2460 Datasheet HTML 1Page - Princeton Technology Corp PA2460 Datasheet HTML 2Page - Princeton Technology Corp PA2460 Datasheet HTML 3Page - Princeton Technology Corp PA2460 Datasheet HTML 4Page - Princeton Technology Corp PA2460 Datasheet HTML 5Page - Princeton Technology Corp PA2460 Datasheet HTML 6Page - Princeton Technology Corp PA2460 Datasheet HTML 7Page - Princeton Technology Corp PA2460 Datasheet HTML 8Page - Princeton Technology Corp PA2460 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PA2460/PA2460-LF Power Amplifier
Page 4
Aug 2008
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
V
CC
0 to 6
V
Supply current
I
CC
1000@3.5V
mA
850@6V
mA
Power Control Voltage Range
V
APC
0.2 to 1.45
V
Input Power
P
IN
10
dBm
Operating Temperature Range
T
OPR
-40 to 100
°C
Storage Temperature Range
T
STG
–55 to 125
°C
Soldering Temperature Range
T
SLD
255
°C
Soldering Time Range
t
SLD
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com