Electronic Components Datasheet Search
  English  ▼

X  

PA2460 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PA2460
Description  Power Amplifier IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2460 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PA2460 Datasheet HTML 3Page - Princeton Technology Corp PA2460 Datasheet HTML 4Page - Princeton Technology Corp PA2460 Datasheet HTML 5Page - Princeton Technology Corp PA2460 Datasheet HTML 6Page - Princeton Technology Corp PA2460 Datasheet HTML 7Page - Princeton Technology Corp PA2460 Datasheet HTML 8Page - Princeton Technology Corp PA2460 Datasheet HTML 9Page - Princeton Technology Corp PA2460 Datasheet HTML 10Page - Princeton Technology Corp PA2460 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PA2460/PA2460-LF Power Amplifier
Page 7
Aug 2008
Evaluation Board Circuit
BOM
1
2
3
4
56
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
23-Sep-2005
Sheet
of
File:
D:\my documents\client data file\pa2460_eddie\pa2460_eddie.Ddb
Drawn By:
C8
C6
C13
L5
L3
L4
L:616mil W:12mil
ML1
C10
C7
C2
C1
L2
L1
RF-IN
PA2460
C4
C5
Vapc
Vcc
Vcc
L6
C11
R2
C12
R1
RF_OUT
APC1
1
L1
2
RF_IN
3
VCC
4
L2
5
RF_OUT
6
RF_OUT
7
APC2
8
PA2460
C9
C3
Zo=50 ohm
ML2
VCC
3.3V
3.5V
3.6V
5V
6V
Freq.
433.92M
300M
315M
433.92M
460M
465M
380M
315M
390M
400M
433.92M
433.92M
465M
Vapc
1.4V
1.4V
1.4V
1.4V
1.4V
1.4V
1.4V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
C1,C2
1nF
1nF
1nF
1nF
1nF
C3,C4,C5
1uF
1uF
1uF
1uF
1uF
C6
100pF
100pF
100pF
100pF
100pF
L5
18nH
27nH
18nH
18nH
18nH
15nH
18nH
27nH
18nH
18nH
18nH
15nH
15nH
C7
5.6pF
10pF
15pF
5.6pF
4.7pF
5.6pF
5.6pF
8.2pF
8pF
7pF
6pF
8pF
5.6pF
C8
18pF
22pF
33pF
18pF
15pF
18pF
18pF
27pF
27pF
27pF
18pF
18pF
18pF
C9
NC
NC
NC
NC
NC
NC
NC
NC
7pF
7pF
4pF
6pF
4pF
C10
39pF
10pF
10pF
10pF
10pF
10pF
10pF
7pF
100pF
100pF
100pF
100pF
100pF
L6
6.8nH
8.2nH
8.2nH
5.6nH
5.6nH
5.6nH
5.6nH
12nH
5.6nH
5.6nH
4.7nH
3.3nH
2.2nH
C11
5pF
10pF
9pF
5pF
5pF
4pF
5pF
10pF
15pF
15pF
15pF
12pF
11pF
C12
9pF
22pF
22pF
10pF
8pF
8pF
10pF
22pF
14pF
12pF
10pF
11pF
9pF
C13
5pF
27pF
27pF
6pF
6pF
5pF
6pF
100pF
27pF
27pF
100pF
100pF
100pF
L1,L2
100nH
100nH
100nH
100nH
100nH
*L3,L4
25nH
25nH
25nH
25nH
25nH
R1
0 ohm
0 ohm
0 ohm
0 ohm
0 ohm
R2
0 ohm
0 ohm
0 ohm
0 ohm
0 ohm
* air coil inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com