Electronic Components Datasheet Search
  English  ▼

X  

PA2460 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PA2460
Description  Power Amplifier IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2460 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PA2460 Datasheet HTML 1Page - Princeton Technology Corp PA2460 Datasheet HTML 2Page - Princeton Technology Corp PA2460 Datasheet HTML 3Page - Princeton Technology Corp PA2460 Datasheet HTML 4Page - Princeton Technology Corp PA2460 Datasheet HTML 5Page - Princeton Technology Corp PA2460 Datasheet HTML 6Page - Princeton Technology Corp PA2460 Datasheet HTML 7Page - Princeton Technology Corp PA2460 Datasheet HTML 8Page - Princeton Technology Corp PA2460 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Page 1
Aug 2008
PA2460/PA2460-LF Power Amplifier IC
Advance Inform ation
Princeton Technology Crop. reserves the right to change the product described in this datasheet. All information con-
tained in this datasheet is subject to change without prior notice. Princeton Technology Crop. assumes no responsibility
for the use of any circuits shown in this datasheet.
Description
The PA2460 is a high-power and high-efficiency Power Amplifier (PA) IC for handheld
applications in the 130MHz to 500MHz band. The design is based on Gallium Arsenide
Hetero-junction Bipolar Transistor (GaAs HBT) process.
Features
Single 2.7V to 6V Supply Voltage
+33dBm Output Power for 3.5V to 6V
55% Efficiency
8-pin SOP(FD) package (5mm x 4mm)
Applications
FRS, GMRS Handsets
Commercial and Consumer Systems
Portable Battery-Powered Equipment
Long distance Remote Control
Block Diagram


Similar Part No. - PA2460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA2460 ETC1-PA2460 Datasheet
251Kb / 12P
Power Amplifier IC
logo
Renesas Technology Corp
PA2460T1Q RENESAS-PA2460T1Q_15 Datasheet
235Kb / 9P
MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - PA2460

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
MONAURAL AUDIO POWER AMPLIFIER IC
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
List of Unclassifed Man...
PA2460 ETC1-PA2460 Datasheet
251Kb / 12P
Power Amplifier IC
logo
Princeton Technology Co...
PA2464 PTC-PA2464 Datasheet
444Kb / 15P
Power Amplifier IC
logo
Panasonic Semiconductor
AN7582Z PANASONIC-AN7582Z Datasheet
174Kb / 7P
Audio power amplifier IC
logo
SHENZHEN FUMAN ELECTRON...
FM8002A FUMAN-FM8002A Datasheet
324Kb / 6P
2W audio power amplifier IC
FM8002E FUMAN-FM8002E Datasheet
324Kb / 6P
2W audio power amplifier IC
SC4871A FUMAN-SC4871A Datasheet
429Kb / 7P
Audio power amplifier IC
TC4863 FUMAN-TC4863 Datasheet
702Kb / 13P
Audio power amplifier IC
TC6871 FUMAN-TC6871 Datasheet
332Kb / 6P
Audio power amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com