Electronic Components Datasheet Search
  English  ▼

X  

PA2460 Datasheet(PDF) 14 Page - Princeton Technology Corp

Part # PA2460
Description  Power Amplifier IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2460 Datasheet(HTML) 14 Page - Princeton Technology Corp

Back Button PA2460 Datasheet HTML 7Page - Princeton Technology Corp PA2460 Datasheet HTML 8Page - Princeton Technology Corp PA2460 Datasheet HTML 9Page - Princeton Technology Corp PA2460 Datasheet HTML 10Page - Princeton Technology Corp PA2460 Datasheet HTML 11Page - Princeton Technology Corp PA2460 Datasheet HTML 12Page - Princeton Technology Corp PA2460 Datasheet HTML 13Page - Princeton Technology Corp PA2460 Datasheet HTML 14Page - Princeton Technology Corp PA2460 Datasheet HTML 15Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PA2460/PA2460-LF Power Amplifier
Page 14
Aug 2008
Application Circuit
Fig 6
1.L7,C15 and C16 form an equivalent circuit of 1/4 wave length.
2.Use R3 to adjust diode bias current for low loss (~0.5dB loss at 1.1mA).
And R3 must be large enough to provide an open to RF.
3.When CTL goes high (select TX), D1 and D2 are forward biased. L7/C15/
C16 combined with D2 make an open circuit to TX. When CTL goes low
(select RX),D1 and D2 are off, and D1 provides an open to RX.
4.Since Pout is sensitive to Vapc, it is recommended to use a regulator to pro-
vide the Vapc voltage.
1
2
3
4
56
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
23-Sep-2005
Sheet
of
File:
D:\my documents\client data file\pa2460_eddie\pa2460_eddie.Ddb
Drawn By:
C8
C6
C13
L5
L3
L4
L:616mil W:12mil
C10
C7
C2
C1
L2
L1
RF-IN
PA2460
C3
C4
C5
Vapc
Vcc
Vcc
L6
C11
D1
C14
R3
IN
1
OUT
3
ADJ
2
U1
LM1117
R1
R2
C15
Vcc
C12
Regulator
D2
ANTENNA
CTL
RX
APC1
1
L1
2
RF_IN
3
VCC
4
L2
5
RF_OUT
6
RF_OUT
7
APC2
8
PA2460
C9
C15
C16
L7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com