Electronic Components Datasheet Search
  English  ▼

X  

PA2460 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PA2460
Description  Power Amplifier IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2460 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PA2460 Datasheet HTML 2Page - Princeton Technology Corp PA2460 Datasheet HTML 3Page - Princeton Technology Corp PA2460 Datasheet HTML 4Page - Princeton Technology Corp PA2460 Datasheet HTML 5Page - Princeton Technology Corp PA2460 Datasheet HTML 6Page - Princeton Technology Corp PA2460 Datasheet HTML 7Page - Princeton Technology Corp PA2460 Datasheet HTML 8Page - Princeton Technology Corp PA2460 Datasheet HTML 9Page - Princeton Technology Corp PA2460 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PA2460/PA2460-LF Power Amplifier
Page 6
Aug 2008
Electrical Characteristics
(V
CC = 6V, VSS = 0V, TA = 25°C, RL=50 Ohm, unless otherwise noted.)
Input/Output impedance (for reference only)
Parameter
Symbol
Condition
Value
Unit
min.
typ.
max.
VCC Supply Voltage
V
CC
6V
Frequency Range
f
RF
130
500
MHz
Input Power
P
IN
P
OUT=33dBm
5
9
dBm
Output Power
P
OUT
P
IN=5dBm
33
34
dBm
Efficiency
P
IN=5dBm,POUT=33dBm
40
45
50
%
Current Consumption
I
CC
P
OUT=33dBm
650
750
850
mA
Control Voltage Range
V
APC
0.2
1.45
V
Full Power Control Voltage
P
OUT=33dBm
1.25
1.3
1.4
V
Control Current into V
APC
I
APC
P
OUT=33dBm
812
16
mA
Isolation
P
IN=5dBm, APC=0.2V
-40
-30
-25
dB
Noise Floor
P
IN=5dBm, BW=100kHz,
fo+20MHz offset
-84
dBm
2nd to 13th Harmonic Distortion
P
OUT=33dBm
-30
-25
dBc
Input VSWR
All power level
1.5:1
2:1
Rise Time and Fall Time
P
OUT=33dBm
2
µsec
Frequency
Bias
Input impedance
Output impedance
410MHz
6V
26.35-j187.1
8.45-j1.55
410MHz
3.5V
15.35-j186.7
5.95-j2.70
465MHz
6V
27.35-j159.3
12.55-j3.45
465MHz
3.5V
27.35-j159.3
7.3-2.2j
1. Output impedance: look into PA2460
2. Input impedance: look into PA2460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com