Electronic Components Datasheet Search
  English  ▼

X  

MAX16962 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16962
Description  4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16962 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16962 Datasheet HTML 1Page - Maxim Integrated Products MAX16962 Datasheet HTML 2Page - Maxim Integrated Products MAX16962 Datasheet HTML 3Page - Maxim Integrated Products MAX16962 Datasheet HTML 4Page - Maxim Integrated Products MAX16962 Datasheet HTML 5Page - Maxim Integrated Products MAX16962 Datasheet HTML 6Page - Maxim Integrated Products MAX16962 Datasheet HTML 7Page - Maxim Integrated Products MAX16962 Datasheet HTML 8Page - Maxim Integrated Products MAX16962 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MAX16962
4A, 2.2MHz, Synchronous Step-Down
DC-DC Converter
General Description
The MAX16962 is a high-efficiency, synchronous step-
down converter that operates with a 2.7V to 5.5V input
voltage range and provides a 0.8V to 3.6V output voltage
range. The wide input/output voltage range and the abil-
ity to provide up to 4A to load current make this device
ideal for on-board point-of-load and post-regulation
applications. The MAX16962 achieves -3.7%/+2.6% out-
put error over load, line, and temperature ranges.
The MAX16962 features a 2.2MHz fixed-frequency PWM
mode for better noise immunity and load transient
response, and a pulse frequency modulation mode
(SKIP) for increased efficiency during light-load opera-
tion. The 2.2MHz frequency operation allows for the use
of all-ceramic capacitors and minimizes external compo-
nents. The optional spread-spectrum frequency modula-
tion minimizes radiated electromagnetic emissions.
Integrated low RDSON switches improve efficiency at
heavy loads and make the layout a much simpler task
with respect to discrete solutions.
The MAX16962 is offered with factory-preset output
voltages or with an adjustable output voltage. (See the
Selector Guide for options). Factory preset output volt-
age versions allow customers to achieve -3.7%/+2.6%
output voltage accuracy without using external resistors,
while the adjustable output voltage version provides the
flexibility to set the output voltage to any desired value
between 0.8V to 3.6V using an external resistive divider.
Additional features include 8ms soft-start, 16ms power-
good output delay, overcurrent, and overtemperature
protections.
The MAX16962 is available in thermally enhanced
16-pin
TSSOP-EP
and
4mm
x
4mm,
16-pin
TQFN-EP packages, and is specified for operation over
the -40NC to +125NC automotive temperature range.
Benefits and Features
S
Small External Components
2.2MHz Operating Frequency
S
Ideal for Point-of-Load Applications
4A Maximum Load Current
Adjustable Output Voltage: 0.8V to 3.6V
2.7V to 5.5V Operating Supply Voltage
S
High Efficiency at Light Load
26µA Skip Mode Quiescent Current
S
Minimizes Electromagnetic Interference
Programmable SYNC I/O Pin
Operates Above AM-Radio Band
Available Spread Spectrum
S
Low Power Mode Saves Energy
1µA Shutdown Current
Open-Drain Power-Good Output
S
Limits Inrush Current During Startup
Soft-Start
S
Overtemperature and Short-Circuit Protections
S
4mm x 4mm, 16-Pin Thin QFN and 16-Pin TSSOP
Packages
S
-40°C to 125°C Operating Temperature Range
Applications
Automotive Infotainment
Point-of-Load Applications
Industrial/Military
Typical Application Circuit
19-6213; Rev 3; 7/15
Ordering Information appears at end of data sheet.
MAX16962
OUTS
PV1
LX1
PGND1
PG
EP
PGND2
LX2
0.47µH
47µF
20k
Ω
10
Ω
4.7µF
1µF
VPV1
VOUT1
PV2
GND
PV
EN
VPV
VOUT1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX16962

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX16961 MAXIM-MAX16961 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
MAX16961_ATE_/V+ MAXIM-MAX16961_ATE_/V+ Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
MAX16961_AUE_/V+ MAXIM-MAX16961_AUE_/V+ Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
More results

Similar Description - MAX16962

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Linear Technology
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
logo
Global Mixed-mode Techn...
G5759 GMT-G5759 Datasheet
94Kb / 1P
400kHz 4A Synchronous Step-down DC/DC
logo
Maxim Integrated Produc...
MAX16963 MAXIM-MAX16963_V01 Datasheet
540Kb / 13P
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com