Electronic Components Datasheet Search
  English  ▼

X  

MAX16962 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16962
Description  4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16962 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16962 Datasheet HTML 5Page - Maxim Integrated Products MAX16962 Datasheet HTML 6Page - Maxim Integrated Products MAX16962 Datasheet HTML 7Page - Maxim Integrated Products MAX16962 Datasheet HTML 8Page - Maxim Integrated Products MAX16962 Datasheet HTML 9Page - Maxim Integrated Products MAX16962 Datasheet HTML 10Page - Maxim Integrated Products MAX16962 Datasheet HTML 11Page - Maxim Integrated Products MAX16962 Datasheet HTML 12Page - Maxim Integrated Products MAX16962 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MAX16962
4A, 2.2MHz, Synchronous Step-Down
DC-DC Converter
10
Maxim Integrated
Input Capacitor
The input filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input caused by the circuit’s switching.
The input capacitor RMS current requirement (IRMS) is
defined by the following equation:
OUT PV1
OUT
RMS
LOAD(MAX)
PV1
V(V
V)
I
I
V
−
=
IRMS has a maximum value when the input voltage
equals twice the output voltage (VPV1 = 2VOUT), so
IRMS(MAX) = ILOAD(MAX)/2.
Choose an input capacitor that exhibits less than +10NC
self-heating temperature rise at the RMS input current for
optimal long-term reliability.
The input-voltage ripple is composed of DVQ (caused
by the capacitor discharge) and DVESR (caused by the
ESR of the capacitor). Use low-ESR ceramic capacitors
with high-ripple current capability at the input. Assume
the contribution from the ESR and capacitor discharge
equal to 50%. Calculate the input capacitance and ESR
required for a specified input voltage ripple using the fol-
lowing equations:
ESR
IN
L
OUT
V
ESR
I
I
2
∆
=
∆
+
where:
PV1
OUT
OUT
L
PV1
SW
(V
V
) V
I
V
fL
−×
∆=
××
and:
OUT
IN
Q
SW
I
D(1 D)
C
Vf
×
−
=
∆×
and
OUT
PV1
V
D
V
=
where IOUT is the maximum output current, and D is the
duty cycle.
It is strongly recommended that a 4.7FF small footprint
be placed close to PV1 and PV2 and a minimum of 100nF
small footprint be placed close to PV. Using a small
footprint such as 0805 or smaller helps to reduce the total
parasitic inductance.
Output Capacitor
The minimum capacitor required depends on output
voltage, maximum device current capability, and the
error-amplifier voltage gain. Use the following formula to
determine the required output capacitor value:
×
=
π×
×
×
=
π×
×
Ω
REF
EAMP
OUT(MIN)
CO
OUT
CS
OUT
V
xG
C
2f
V
R
0.8V x 31.7
2
210kHz V
139m
where fCO, the target crossover frequency, is 210kHz,
GEAMP, the error-amplifier voltage gain, is 31.7V/V, and
RCS is 139mΩ.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
losses and clean, stable operation. Use a multilayer
board whenever possible for better noise immunity and
power dissipation. Follow these guidelines for good PCB
layout:
1) Use a large contiguous copper plane under the
MAX16962 package. Ensure that all heat-dissipating
components have adequate cooling. The bottom
pad of the MAX16962 must be soldered down to
this copper plane for effective heat dissipation and
maximizing the full power out of the MAX16962. Use
multiple vias or a single large via in this plane for
heat dissipation.
2) Isolate the power components and high current path
from the sensitive analog circuitry. This is essential to
prevent any noise coupling into the analog signals.
3) Add small footprint blocking capacitors with low
self-resonance frequency close to PV1, PV2, and PV.
4) Keep the high-current paths short, especially at the
ground terminals. This practice is essential for stable,
jitter-free operation. The high current path composed
of input capacitors at PV1, PV2, inductor, and the
output capacitor should be as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com