Electronic Components Datasheet Search
  English  ▼

X  

MAX16962 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16962
Description  4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16962 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16962 Datasheet HTML 1Page - Maxim Integrated Products MAX16962 Datasheet HTML 2Page - Maxim Integrated Products MAX16962 Datasheet HTML 3Page - Maxim Integrated Products MAX16962 Datasheet HTML 4Page - Maxim Integrated Products MAX16962 Datasheet HTML 5Page - Maxim Integrated Products MAX16962 Datasheet HTML 6Page - Maxim Integrated Products MAX16962 Datasheet HTML 7Page - Maxim Integrated Products MAX16962 Datasheet HTML 8Page - Maxim Integrated Products MAX16962 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MAX16962
4A, 2.2MHz, Synchronous Step-Down
DC-DC Converter
2
Maxim Integrated
PV, PV1, PV2 to GND..............................................-0.3V to +6V
EN, PG to GND .......................................................-0.3V to +6V
PGND1 and PGND2 to GND ..............................-0.3V to +0.3V
LX1, LX2 Continuous RMS Current
(LX1 connected in Parallel with LX2)...................................4A
LX Current (LX1 connected in Parallel with LX2).....Q6A (Note 5)
All Other Pins Voltages to GND .. (VPV + 0.3V) to (VGND - 0.3V)
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 25mW/NC above +70NC)................... 2000mW*
TSSOP (derate 26.1mW/NC above +70NC)........... 2088.8mW*
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TQFN
Junction-to-Ambient Thermal Resistance (BJA) ..........40NC/W
Junction-to-Case Thermal Resistance (BJC) .................6NC/W
TSSOP
Junction-to-Ambient Thermal Resistance (BJA)....38.3NC/W
Junction-to-Case Thermal Resistance (BJC)..............3NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VPV = VPV1 = VPV2 = 5V, VEN = 5V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
*As per JEDEC51 Standard (multilayer board).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VPV
Normal operation
2.7
5.5
V
Supply Current
IPV
No load, VPWM = 0V
12
26
45
F
A
Shutdown Supply Current
ISHDN
VEN = 0V, TA = +25°C
1
5
F
A
Undervoltage Lockout Threshold
Low
VUVLO_L
2.37
V
Undervoltage Lockout Threshold
High
VUVLO_H
2.6
V
Undervoltage Lockout Hysteresis
0.07
V
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
FB Regulation Voltage
VOUTS
800
mV
Feedback Set-Point Accuracy
VOUTS
ILOAD = 4A
-3.7
0
+2.6
%
ILOAD = 0A
-1.9
+2.6
pMOS On-Resistance
RDSON_P
VPV1 = 5V, ILX_ = 0.4A,
LX1 in parallel with LX2
34
55
mI
nMOS On-Resistance
RDSON_N
VPV1 = 5V, ILX_ = 0.8A,
LX1 in parallel with LX2
25
45
mI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com