Electronic Components Datasheet Search
  English  ▼

X  

MAX16962 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX16962
Description  4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16962 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX16962 Datasheet HTML 5Page - Maxim Integrated Products MAX16962 Datasheet HTML 6Page - Maxim Integrated Products MAX16962 Datasheet HTML 7Page - Maxim Integrated Products MAX16962 Datasheet HTML 8Page - Maxim Integrated Products MAX16962 Datasheet HTML 9Page - Maxim Integrated Products MAX16962 Datasheet HTML 10Page - Maxim Integrated Products MAX16962 Datasheet HTML 11Page - Maxim Integrated Products MAX16962 Datasheet HTML 12Page - Maxim Integrated Products MAX16962 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MAX16962
4A, 2.2MHz, Synchronous Step-Down
DC-DC Converter
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent
licenses are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and
max limits) shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000
13
©
2014 Maxim Integrated Products, Inc.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
7/12
Initial release
—
1
9/13
Updated Electrical Characteristics table, TOCs 1, 2, and 4, equation in the Setting
the Output Voltage section, step 6 in the PCB Layout Guidelines, and the Ordering
Information section
3–5, 9–11
2
5/14
Added FB regulation voltage specifications and updated VPV condition in Electrical
Characteristics table; corrected equations and updated Table 2 in the Inductor
Selection and Output Capacitor sections; updated Ordering Information
2, 3, 9–11
3
7/15
Added formula to equation in the Setting the Output Voltage section, replaced the
Output Capacitor section, and deleted Table 2
9, 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com