Electronic Components Datasheet Search
  English  ▼

X  

MAX16962 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16962
Description  4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16962 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16962 Datasheet HTML 1Page - Maxim Integrated Products MAX16962 Datasheet HTML 2Page - Maxim Integrated Products MAX16962 Datasheet HTML 3Page - Maxim Integrated Products MAX16962 Datasheet HTML 4Page - Maxim Integrated Products MAX16962 Datasheet HTML 5Page - Maxim Integrated Products MAX16962 Datasheet HTML 6Page - Maxim Integrated Products MAX16962 Datasheet HTML 7Page - Maxim Integrated Products MAX16962 Datasheet HTML 8Page - Maxim Integrated Products MAX16962 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MAX16962
4A, 2.2MHz, Synchronous Step-Down
DC-DC Converter
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VPV = VPV1 = VPV2 = 5V, VEN = 5V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Maximum pMOS Current-Limit
Threshold
ILIMP1
LX1 and LX2 shorted together
5.2
6.8
8.5
A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Output Current
IOUT
(VOUT + 0.5V P VPV1 P 5.5V) (Note 3)
4.4
A
OUTS Bias Current
IB_OUTS
Fixed output voltage variants
1
2
5
F
A
Adjustable output version
-1
+1
LX_ Leakage Current
ILX_LEAK
VPV_ = 5V, LX_ = PGND_ or PV_,
TA = +25
°C
-1
+1
F
A
Minimum On-Time
tON_MIN
60
ns
LX Discharge Resistance
RLX
VEN = 0V, through the OUTS pin
15
24
55
I
Maximum Short-Circuit Current
10.4
A
OSCILLATOR
Oscillator Frequency
fSW
Internally generated
2.0
2.2
2.4
MHz
Spread Spectrum
D
f/f
Spread-spectrum enabled
+6
%
SYNC Input Frequency Range
fSYNC
50% duty cycle (Note 4)
1.7
2.4
MHz
THERMAL OVERLOAD
Thermal Shutdown Threshold
+165
°C
Thermal Shutdown Hysteresis
15
°C
POWER-GOOD OUTPUT (PG)
PG Overvoltage Threshold
PGOVTH
Percentage of nominal output
106
110
114
%
PG Undervoltage Threshold
PGUVTH
Percentage of nominal output
90
92
94
%
PG Timeout Period
16
ms
Undervoltage/Overvoltage
Propagation Delay
28
F
s
Output High Leakage Current
TA = +25°C
0.2
F
A
PG Output Low Voltage
ISINK = 3mA
0.4
V
VPV = 1.2V, ISINK = 100FA
0.4
ENABLE INPUTS (EN)
Input Voltage High
VINH
Input rising
2.4
V
Input Voltage Low
VINL
Input falling
0.5
V
Input Hysteresis
0.85
V
Input Current
VEN = high
0.1
1.0
2
F
A
Pulldown Resistor
VEN = low
50
100
200
kI
DIGITAL INPUTS (PWM, SYNC AS INPUT)
Input Voltage High
VINH
1.8
V
Input Voltage Low
VINL
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com