Electronic Components Datasheet Search
  English  ▼

X  

MAX5949 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5949
Description  -48V Hot-Swap Controllers with External RSENSE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5949 Datasheet HTML 10Page - Maxim Integrated Products MAX5949 Datasheet HTML 11Page - Maxim Integrated Products MAX5949 Datasheet HTML 12Page - Maxim Integrated Products MAX5949 Datasheet HTML 13Page - Maxim Integrated Products MAX5949 Datasheet HTML 14Page - Maxim Integrated Products MAX5949 Datasheet HTML 15Page - Maxim Integrated Products MAX5949 Datasheet HTML 16Page - Maxim Integrated Products MAX5949 Datasheet HTML 17Page - Maxim Integrated Products MAX5949 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
When the DRAIN voltage of the MAX5949A is high with
respect to VEE or the GATE voltage is low, the internal
pulldown MOSFET Q2 is off and the PWRGD pin is in a
high-impedance state (Figure 14). The PWRGD pin is
pulled high by the module’s internal pullup current
source, turning the module off. When the DRAIN volt-
age drops below VDL and the GATE voltage is greater
than
∆VGATE - VGH, Q2 turns on and the PWRGD pin
pulls low, enabling the module.
The PWRGD signal can also be used to turn on an LED
or optoisolator to indicate that the power is good
(Figure 15) (see the Component Selection Procedure
section).
When the DRAIN voltage of the MAX5949B is high with
respect to VEE (Figure 13) or the GATE voltage is low, the
internal MOSFET Q3 is turned off so that I1 and the inter-
nal MOSFET Q2 clamp the PWRGD pin to the DRAIN pin.
MOSFET Q2 sinks the module’s pullup current, and the
module turns off.
When the DRAIN voltage drops below VDL and the
GATE voltage is greater than
∆VGATE - VGH, MOSFET
Q3 turns on, shorting I1 to VEE and turning Q2 off. The
pullup current in the module pulls the PWRGD pin high,
enabling the module.
GATE Pin Voltage Regulation
The GATE pin goes high when the following startup con-
ditions are met: the UV pin is high, the OV pin is low, the
supply voltage is above VUVLOH, and (VSENSE - VEE) is
less than 50mV. The gate is pulled up with a 45µA current
source and is regulated at 13.5V above VEE. The
MAX5949A/MAX5949B include an internal clamp that
ensures the GATE voltage of the external MOSFET never
exceeds 18V. During a fast-rising VDD, the clamp also
keeps the GATE and SENSE potentials as close as possi-
ble to prevent the FET from accidentally turning on. When
a fault condition is detected, the GATE pin is pulled low
with a 50mA current.
Applications Information
Sense Resistor
The circuit-breaker current-limit threshold is set to 50mV
(typically). Select a sense resistor that causes a drop
equal to or above the current-limit threshold at a current
level above the maximum normal operating current.
Typically, set the overload current to 1.5 to 2.0 times the
nominal load current plus the load-capacitance charging
current during startup. Choose the sense-resistor power
rating to be greater than (VCL)2 / RSENSE.
-48V Hot-Swap Controllers
with External RSENSE
14
______________________________________________________________________________________
VEE
SENSE
GATE
DRAIN
VDD
OV
UV
PWRGD
MAX5949A
-48V RTN
-48V
R4
549k
Ω
1%
R5
6.49k
Ω
1%
R6
10k
Ω
1%
R1
0.02
Ω
5%
R3
1k
Ω
5%
R2
10
Ω
5%
C1**
470nF
25V
Q1
IRF530
C2
15nF
100V
*
-48V RTN
(SHORT PIN)
C3
100
µF
100V
*DIODES INC. SMAT70A.
**OPTIONAL.
PWRGD
MOC207
R7**
51k
Ω
5%
Figure 15. Using PWRGD to Drive an Optoisolator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com