Electronic Components Datasheet Search
  English  ▼

X  

MAX5949 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5949
Description  -48V Hot-Swap Controllers with External RSENSE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5949 Datasheet HTML 1Page - Maxim Integrated Products MAX5949 Datasheet HTML 2Page - Maxim Integrated Products MAX5949 Datasheet HTML 3Page - Maxim Integrated Products MAX5949 Datasheet HTML 4Page - Maxim Integrated Products MAX5949 Datasheet HTML 5Page - Maxim Integrated Products MAX5949 Datasheet HTML 6Page - Maxim Integrated Products MAX5949 Datasheet HTML 7Page - Maxim Integrated Products MAX5949 Datasheet HTML 8Page - Maxim Integrated Products MAX5949 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
-48V Hot-Swap Controllers
with External RSENSE
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VEE = 0V, VDD = 48V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Notes 2, 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWRGD OUTPUT SIGNAL REFERENCED TO DRAIN
DRAIN Input Bias Current
IDRAIN
VDRAIN = 48V
10
80
250
µA
DRAIN Threshold for Power-Good
VDL
VDRAIN - VEE threshold for power-good
condition, DRAIN decreasing
1.1
1.4
2.0
V
GATE High Threshold
VGH
∆VGATE - VGATE threshold for power-good
condition,
∆VGATE - VGATE decreasing
1.0
1.4
2.0
V
PWRGD, PWRGD Output
Leakage
IOH
PWRGD (MAX5949A) = 80V, VDRAIN = 48V,
PWRGD (MAX5949B) = 80V, VDRAIN = 0V
10
µA
PWRGD Output Low Voltage
VOL
V PWRGD - VEE; VDRAIN - VEE < VDL,
ISINK = 5mA (MAX5949A)
0.11
0.4
V
PWRGD Output Low Voltage
VOL
VPWRGD - VDRAIN; VDRAIN = 5V,
ISINK = 5mA (MAX5949B)
0.11
0.4
V
AC PARAMETERS
OV High to GATE Low
tPHLOV
Figures 2a, 3
0.5
µs
UV Low to GATE Low
tPHLUV
Figures 2a, 4
0.4
µs
OV Low to GATE High
tPLHOV
Figures 2a, 3
4
µs
UV High to GATE High
tPLHVL
Figures 2a, 4
5.5
µs
SENSE High to GATE Low
tPHLSENSE
Figures 2a, 5a
1
3
µs
Current Limit to GATE Low
tPHLCB
Figures 2b, 5b
350
500
650
µs
MAX5949A, Figures 2a, 6a
1.8
DRAIN Low to PWRGD Low
DRAIN Low to (PWRGD - DRAIN)
High
tPHLDL
MAX5949B, Figures 2a, 6a
3.4
µs
MAX5949A, Figures 2a, 6b
1.6
GATE High to PWRGD Low
GATE High to (PWRGD - DRAIN)
High
tPHLGH
MAX5949B, Figures 2a, 6b
2.5
µs
TURN-OFF
Latch-Off Period
tOFF
(Note 4)
51
64
78
ms
Note 2:
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to VEE,
unless otherwise specified.
Note 3:
Current into VDD with UV = 3V, OV = DRAIN = PWRGD = SENSE = VEE, GATE = floating.
Note 4:
Minimum duration of GATE pulldown following a circuit-breaker fault. The circuit breaker can be reset during this time by
toggling UV low, but the GATE pulldown does not release until tOFF has elapsed.
Note 5:
Limits are 100% tested at TA = +25°C and +85°C. Limits at -40°C are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com