Electronic Components Datasheet Search
  English  ▼

X  

MAX5949 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5949
Description  -48V Hot-Swap Controllers with External RSENSE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5949 Datasheet HTML 2Page - Maxim Integrated Products MAX5949 Datasheet HTML 3Page - Maxim Integrated Products MAX5949 Datasheet HTML 4Page - Maxim Integrated Products MAX5949 Datasheet HTML 5Page - Maxim Integrated Products MAX5949 Datasheet HTML 6Page - Maxim Integrated Products MAX5949 Datasheet HTML 7Page - Maxim Integrated Products MAX5949 Datasheet HTML 8Page - Maxim Integrated Products MAX5949 Datasheet HTML 9Page - Maxim Integrated Products MAX5949 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
-48V Hot-Swap Controllers
with External RSENSE
6
_______________________________________________________________________________________
Timing Diagrams
1.255V
OV
tPHLOV
0V
2V
1V
1.235V
1V
tPLHOV
GATE
Figure 3. OV to GATE Timing
tPHLUV
1.125V
1V
1V
1.255V
tPLHUV
UV
0V
2V
GATE
Figure 4. UV to GATE Timing
60mV
1V
100mV
GATE
SENSE
VEE
tPHLSENSE
Figure 5a. SENSE to GATE Timing
tPHLCB
50mV
UV
GATE
SENSE
1V
1V
Figure 5b. Active Current-Limit Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com