Electronic Components Datasheet Search
  English  ▼

X  

MAX5949 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5949
Description  -48V Hot-Swap Controllers with External RSENSE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5949 Datasheet HTML 1Page - Maxim Integrated Products MAX5949 Datasheet HTML 2Page - Maxim Integrated Products MAX5949 Datasheet HTML 3Page - Maxim Integrated Products MAX5949 Datasheet HTML 4Page - Maxim Integrated Products MAX5949 Datasheet HTML 5Page - Maxim Integrated Products MAX5949 Datasheet HTML 6Page - Maxim Integrated Products MAX5949 Datasheet HTML 7Page - Maxim Integrated Products MAX5949 Datasheet HTML 8Page - Maxim Integrated Products MAX5949 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
-48V Hot-Swap Controllers
with External RSENSE
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 48V, VEE = 0V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
80
60
40
20
100
200
300
400
500
600
700
800
900
0
0100
TA = +85
°C
TA = +25
°C
TA = -40
°C
GATE VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
80
60
40
20
9
10
11
12
13
14
15
8
0100
TA = +85
°C
TA = -45
°C
TA = +25
°C
CURRENT-LIMIT TRIP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
47
48
49
50
51
52
53
46
-40
85
GATE PULLUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
43.2
43.4
43.6
43.8
44.0
44.2
44.4
44.6
44.8
45.0
43.0
-40
85
VGATE = 0V
GATE PULLDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
30
35
40
45
50
55
60
65
70
25
-40
85
VGATE = 2V
PWRGD OUTPUT LOW VOLTAGE
vs. TEMPERATURE (MAX5949A)
TEMPERATURE (
°C)
60
35
10
-15
5
10
15
20
25
30
35
40
45
50
0
-40
85
IOUT = 1mA
PWRGD OUTPUT IMPEDANCE
vs. TEMPERATURE (MAX5949B)
TEMPERATURE (
°C)
75
25
50
0
-25
10
100
1000
10,000
1
-50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com