Electronic Components Datasheet Search
  English  ▼

X  

IMP6303 Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP6303
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP6303 Datasheet(HTML) 2 Page - IMP, Inc

  IMP6303 Datasheet HTML 1Page - IMP, Inc IMP6303 Datasheet HTML 2Page - IMP, Inc IMP6303 Datasheet HTML 3Page - IMP, Inc IMP6303 Datasheet HTML 4Page - IMP, Inc IMP6303 Datasheet HTML 5Page - IMP, Inc IMP6303 Datasheet HTML 6Page - IMP, Inc IMP6303 Datasheet HTML 7Page - IMP, Inc IMP6303 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IMP6303
IMP6303
2
408-432-9100/www.impweb.com
© 2001 IMP, Inc.
S
Ordering Information
Pin Configuration
IMP6303
VCC
GND
3
1
2
(RESET) RESET
6303_02.eps
SOT-23
6303_06.eps
123
VCC
GND
IMP6303
RESET (RESET)
TO-92
IMP6303
NC
NC
1
VCC
5
3
4
GND
2
6303_07.eps
RESET (RESET)
SOT-23-5
Package Marking
2
Part Number
1
Reset Threshold (V)
Temperature Range
Pin-Package
(XX Lot Code)
IMP6303 Active LOW Reset
IMP6303JEUR-T
4.00
– 40°C to +105°C
3-SOT23
CWXX
Notes:
1. Tape and Reel packaging is indicated by the -T designation.
2. Devices may also be marked with full part number: 6303L, 6303M etc. XX refers to lot.
Related Products
IM6303
IMP6303
IMP6303
Max. Supply Current
15µA
15µA
15µA
Package Pins
3
3
5
Package Type
SOT-23
TO-92
SOT-23-5
Active-LOW RESET output
II
I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com