Electronic Components Datasheet Search
  English  ▼

X  

IMP6303 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP6303
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP6303 Datasheet(HTML) 4 Page - IMP, Inc

  IMP6303 Datasheet HTML 1Page - IMP, Inc IMP6303 Datasheet HTML 2Page - IMP, Inc IMP6303 Datasheet HTML 3Page - IMP, Inc IMP6303 Datasheet HTML 4Page - IMP, Inc IMP6303 Datasheet HTML 5Page - IMP, Inc IMP6303 Datasheet HTML 6Page - IMP, Inc IMP6303 Datasheet HTML 7Page - IMP, Inc IMP6303 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IMP6303
IMP6303
4
408-432-9100/www.impweb.com
© 2001 IMP, Inc.
S
Pin Descriptions
Name
Function
GND
Ground
RESET
RESET is asserted LOW if VCC falls below the reset threshold and remains LOW for the
240ms typical reset timeout period (140ms minimum) after VCC exceeds the threshold.
VCC
Power supply input voltage.
5V
0V
5V
0V
VCC
VTH
RESET
140ms
minimum
Active Reset
Timeout Period
IMP6303
6303_03.eps
Reset Timing
The reset signal is asserted–LOW when the VCC signal falls below
the threshold trip voltage and remains asserted for 140ms mini-
mum after the VCC has risen above the threshold.
Detailed Descriptions
Figure 1. Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com