Electronic Components Datasheet Search
  English  ▼

X  

IMP6303 Datasheet(PDF) 5 Page - IMP, Inc

Part # IMP6303
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP6303 Datasheet(HTML) 5 Page - IMP, Inc

  IMP6303 Datasheet HTML 1Page - IMP, Inc IMP6303 Datasheet HTML 2Page - IMP, Inc IMP6303 Datasheet HTML 3Page - IMP, Inc IMP6303 Datasheet HTML 4Page - IMP, Inc IMP6303 Datasheet HTML 5Page - IMP, Inc IMP6303 Datasheet HTML 6Page - IMP, Inc IMP6303 Datasheet HTML 7Page - IMP, Inc IMP6303 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IMP6303
IMP6303
© 2001 IMP, Inc.
Microprocessor Supervisor
5
Negative VCC Transients
The IMP6303 protect µPs from brownouts and low VCC. Short dura-
tion transients of 100mV amplitude and 20µs or less duration typi-
cally do not cause a false RESET.
Valid Reset with VCC under 1.1V
To ensure logic inputs connected to the IMP6303 RESET pin are in
a known state when VCC is under 1.1V, a 100k
Ω pull-down
resistor at RESET is needed. The value is not critical.
Bi-directional Reset Pin Interfacing
The IMP6303 can interface with µP/µC bi-directional reset pins
by connecting a 4.7k
Ω resistor in series with the IMP6303 reset
output and the µP/µC bi-directional reset pin.
Power
Supply
IMP6303
VCC
GND
RESET
100k
Ω
6303_04.eps
Application Information
Figure 2. RESET Valid with VCC Under 1.1V
Power
Supply
IMP6303
VCC
GND
GND
RESET
4.7k
Ω
6303_06.eps
Bi-directional I/O Pin
(Example: 68HC11)
BUF
Buffered
RESET
µC or µP
RESET
Input
Figure 3. Bi-directional Reset Pin Interfacing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com