Electronic Components Datasheet Search
  English  ▼

X  

IMP6303 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP6303
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP6303 Datasheet(HTML) 1 Page - IMP, Inc

  IMP6303 Datasheet HTML 1Page - IMP, Inc IMP6303 Datasheet HTML 2Page - IMP, Inc IMP6303 Datasheet HTML 3Page - IMP, Inc IMP6303 Datasheet HTML 4Page - IMP, Inc IMP6303 Datasheet HTML 5Page - IMP, Inc IMP6303 Datasheet HTML 6Page - IMP, Inc IMP6303 Datasheet HTML 7Page - IMP, Inc IMP6303 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2001 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP6303
IMP6303
POWER MANAGEMENT
Key Features
Applications
3-Pin Microcontroller
Power Supply Supervisor
N Embedded controllers
N Battery operated systems
N Intelligent instruments
N Wireless communication systems
N PDAs and handheld equipment
N Monitor 4.0V supply
N 140ms min. reset pulse width
N Active-low reset valid with 1.1V supply
N Small 3-pin SOT-23 package
N Small 3-pin TO-92 package
N Small 5-pin SOT-23-5 package
N No external components
N Specified over full temperature range
— –40°C to 105°C
Block Diagrams
IMP6303
VCC
VCC
VCC
GND
GND
RESET
(RESET)
6303_01.eps
µP
RESET
Input
The IMP6303 is a 4.0V power supply supervisor circuits optimized for low-
power microprocessor (µP), microcontroller (µC) and digital systems.
A reset signal is issued if the power supply voltage drops below a preset
reset threshold and is asserted for at least 140ms after the supply has
risen above the reset threshold. The IMP6303 has an active-low RESET
output that is guaranteed to be in the correct state for VCC down to 1.1V.
The reset comparator is designed to ignore fast transients on VCC.
Low supply current makes the IMP6303 ideal for use in portable and
battery operated equipment. The IMP6303 is available in a compact 3-pin
SOT23, TO-92 and 5 pin SOT23-5 packages.


Similar Part No. - IMP6303

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
IMP, Inc
IMP690AC/D IMP-IMP690AC/D Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
A1 PROs co., Ltd.
IMP690AC/D A1PROS-IMP690AC/D Datasheet
227Kb / 10P
μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
IMP, Inc
IMP690ACPA IMP-IMP690ACPA Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results

Similar Description - IMP6303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5510 TI-TPS5510 Datasheet
91Kb / 6P
3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
Anpec Electronics Corop...
APW1683 ANPEC-APW1683 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
3-Channel Power Supply Supervisor
logo
Alliance Semiconductor ...
ASM809 ALSC-ASM809 Datasheet
220Kb / 10P
3 Pin Microcontroller Power Supply Supervisor
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
logo
A1 PROs co., Ltd.
IMP809 A1PROS-IMP809 Datasheet
170Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
1998
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com