Electronic Components Datasheet Search
  English  ▼

X  

IMP6303 Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP6303
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP6303 Datasheet(HTML) 3 Page - IMP, Inc

  IMP6303 Datasheet HTML 1Page - IMP, Inc IMP6303 Datasheet HTML 2Page - IMP, Inc IMP6303 Datasheet HTML 3Page - IMP, Inc IMP6303 Datasheet HTML 4Page - IMP, Inc IMP6303 Datasheet HTML 5Page - IMP, Inc IMP6303 Datasheet HTML 6Page - IMP, Inc IMP6303 Datasheet HTML 7Page - IMP, Inc IMP6303 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IMP6303
IMP6303
© 2001 IMP, Inc.
Microprocessor Supervisor
3
Parameter
Symbol Conditions
Min
Typ
Max
Units
Input Voltage (VCC) Range
VCC
TA = 0°C to 70°C
1.1
5.5
V
TA = – 40°C to 105°C
1.2
5.5
Supply Current
ICC
TA = – 40°C to 85°C
VCC < 4.0V
9
15
µA
Reset Threshold
VTH
TA = 25°C
3.93
4.00
4.06
TA = – 40°C to 85°C
3.89
4.10
TA = 85°C to 105°C
3.80
4.20
Reset Threshold Stability
30
ppm/°C
VCC to Reset Delay
VCC = VTH to VTH - 100mV
20
µs
Reset Active Timeout Period
VOL
TA = – 40°C to 85°C
140
240
560
ms
TA = 85°C to 105°C
100
840
Low RESET Output Voltage
VOL
VCC = VTH min., ISINK = 1.2mA
0.3
V
VCC = VTH min., ISINK = 3.2mA
0.4
VCC > 1.1V, ISINK = 50µA
0.3
High RESET Output Voltage
VOH
VCC > VTH max., ISOURCE = 500µA
0.8VCC
V
VCC > VTH max., ISOURCE = 800µA
VCC -1.5
Absolute Maximum Ratings
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
RESET, RESET . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC . . . . . . . . . . . . . . . . . . . 20mA
Output Current: RESET, RESET . . . . . . . . . 20mA
Rate of Rise at VCC . . . . . . . . . . . . . . . . . . . . 100V/µs
Power Dissipation (TA = 70°C) . . . . . . . . . . 320mW
(Derate 4mW/°C above 70°C)
Operating Temperature Range . . . . . . . . . . –40°C to 105°C
Storage Temperature Range . . . . . . . . . . . . . –65°C to 160°C
Lead Temperature (soldering, 10 sec) . . . . . 300°C
Electrical Characteristics
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability
Unless otherwise noted VCC is over the full voltage range, TA = –40°C to 105°C.
Typical values at TA = 25°C, VCC = 5V for L/M/J devices.
Notes:
1. Production testing done at TA = 25°C. Over-temperature specifications guaranteed by design only.
2. RESET output is active LOW for the IMP6303.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com